Electronic Components Datasheet Search
  English  ▼

X  

ACE533J Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE533J
Description  500mA, Micropower, VLDO Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE533J Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE533J Datasheet HTML 1Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 2Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 3Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 4Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 5Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 6Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 7Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 8Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACE533J
500mA, Micropower, VLDO Linear Regulator
VER 1.2
3
Packaging Type
DFN2*2-6L
Pin Number
Symbol
Function
1
SHDN
Shutdown Input: High=Activate LDO, Low=Shutdown LDO
2
GND
Ground
3
VIN
Power Supply
4
VOUT
Voltage Regulated Output
5
NC
Not Connected
6
FB
Output Voltage Feedback
Ordering information
ACE533J XX + H
MN: DFN2*2-6L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com