Electronic Components Datasheet Search
  English  ▼

X  

ACE533J Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE533J
Description  500mA, Micropower, VLDO Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE533J Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE533J Datasheet HTML 1Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 2Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 3Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 4Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 5Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 6Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 7Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 8Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE533J
500mA, Micropower, VLDO Linear Regulator
VER 1.2
1
Description
The ACE533J series are VLDO (very low dropout) linear regulators designed for low power portable
applications. Typical output noise is only 100
μV
RMS (Fixed Output, VOUT=1.0V) and maximum dropout is
just 320mV at the load current of 500mA.The internal P-channel MOSFET pass transistor requires no
base current, allowing the device to draw only 250μA during normal operation at the maximum load
current of 500mA.
Other features include high output voltage accuracy, excellent transient response, under voltage lockout,
stability with ultra low ESR ceramic capacitors as small as 1μF, short-circuit and thermal overload
protection and output current limiting.
Features
Very Low Dropout: 320mV (Max) at 500mA
Maximum Input Voltage: 6.0V
Low Noise (10Hz to 100kHz): 10
0μVRMS (Fixed Output, VOUT=1.0V);
60μVRMS (Adjustable Output, VOUT=1.0V);
200
μVRMS (Adjustable Output, VOUT=3.3V);
305μVRMS (Adjustable Output, VOUT=5.0V)
±2% Voltage Accuracy at 500mA
Fast Transient Response
Under Voltage Lockout
Fixed Output Voltage of ACE533J: 1.0V to 4.0V with 0.1V Interval
Adjustable Output Voltage
Output Current Limit
Stable with 1μF Output Capacitor
Short-Circuit and Thermal Overload Protection
Application
Bluetooth/802.11 Cards
PDAs and Notebook Computers
Portable Instruments and Battery-Powered Systems
Cellular Phones


Similar Part No. - ACE533J

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
ACE5372 ACE-ACE5372 Datasheet
305Kb / 29P
Low Power Real-Time Clock (RTC)
VER 1.2
ACE5372 ACE-ACE5372 Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372FM+H ACE-ACE5372FM+H Datasheet
305Kb / 29P
Low Power Real-Time Clock (RTC)
VER 1.2
ACE5372FM+H ACE-ACE5372FM+H Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
More results

Similar Description - ACE533J

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
300mA, Micropower, VLDO Linear Regulator
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
500mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
300mA Micropower VLDO Linear Regulator
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
logo
Union Semiconductor, In...
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
500mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com