Electronic Components Datasheet Search
  English  ▼

X  

ACE533J Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE533J
Description  500mA, Micropower, VLDO Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE533J Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE533J Datasheet HTML 3Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 4Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 5Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 6Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 7Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 8Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 9Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 10Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACE533J
500mA, Micropower, VLDO Linear Regulator
VER 1.2
10
Packing Information
DFN2*2-6L
Symbol
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.55
0.80
0.022
0.031
A1
0.00
0.05
0.000
0.002
A3
0.20REF
0.008REF
b
0.25
0.30
0.35
0.010
0.012
0.014
D
1.924
2.00
2.076
0.076
0.079
0.082
D2
1.35
1.75
0.053
0.069
E
1.924
2.00
2.076
0.076
0.079
0.082
E2
0.65
1.06
0.026
0.042
e
0.65BSC
0.026BSC
L
0.224
0.45
0.009
0.018



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com