Electronic Components Datasheet Search
  English  ▼

X  

ACE533J Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE533J
Description  500mA, Micropower, VLDO Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE533J Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE533J Datasheet HTML 3Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 4Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 5Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 6Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 7Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 8Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 9Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 10Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACE533J
500mA, Micropower, VLDO Linear Regulator
VER 1.2
8
Pin Function
SHDN : Shutdown, Active Low. This pin is used to put the ACE533J into shutdown. The SHDN pin
cannot be left floating and must be tied to the input pin if not used.
GND: Ground and Heat Sink. Solder to a ground plane or large pad to maximize heat dissipation. VIN:
Power for ACE533J and Load. Power is supplied to the devices through the VIN pin. The VIN pin should
be locally bypassed to ground if the ACE533J series are more than a few inches away from another
source of bulk capacitance.
VOUT: Voltage Regulated Output. The VOUT pin supplies power to the load. A minimum output capacitor
of 1μF is required to ensure stability. Larger output capacitors may be required for applications with large
transient loads to limit peak voltage transients.
NC: Not Connected.
FB: Output voltage feedback. This terminal is used to set the output voltage.
Output Voltage Setting
The output voltage of the ACE533J adjustable regulator is programmed using an external resistor divider
as shown in Figure 2. The output voltage is calculated using:
Where: VFB=1.00V (Typ) (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 3-
5μA divider current. Lower value resistors can
be used but offer no inherent advantage and waste more power. Higher values should be avoided, as
leakage currents at FB increase the output voltage error. The recommended design procedure is to
choose R2=200kΩ to set the divider current at 5μA and then calculate R1 using:
Where: VFB=1.00V (Typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com