Electronic Components Datasheet Search
  English  ▼

X  

ACE533J Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE533J
Description  500mA, Micropower, VLDO Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE533J Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE533J Datasheet HTML 1Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 2Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 3Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 4Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 5Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 6Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 7Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 8Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACE533J
500mA, Micropower, VLDO Linear Regulator
VER 1.2
4
Electrical Characteristics
Over recommended operating free-air temperature range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
2.5
6.0
V
VUVLO
Input Under Voltage Lockout
VIN Falling
1.8
2.4
V
IQ
Operating Quiescent Current
VIN=4.2V, IOUT=0mA
100
150
μA
VIN=4.2V, IOUT=500mA
250
300
I SHDN
Shutdown Leakage Current
1
μA
I
OUT
Output Current
500
mA
VFB
FB Voltage
IOUT=1mA
1
V
Output Voltage Accuracy
1mA≤I
OUT
≤500mA, T
A=-25°C
-2
+2
%
ΔV
DO
Dropout Voltage
IOUT=500mA,
2.5V≤V
OUT
220
320
mV
I
LIMT
Output Current Limit
VIN
≥2.5V
700
mA
t
Startup Time Response
RL
=68Ω, C
OUT
=1μF
40
μs
V
IL
SHDN Input Low Voltage
2.5V≤V
IN
≤6.0V
0.4
V
V
IH
SHDN Input High Voltage
2.5V≤V
IN
≤6.0V
2.0
V
SHDN
Input Current
SHDN =VIN or GND
-1
+1
μA
T
SHDN
Thermal-Shutdown
Temperature
160
°C
ΔT
SHDN
Thermal-Shutdown
Hysteresis
25
°C
Line Regulation
VOUT+1V
≤V
IN
≤6.0V (2.5V≤V
IN)
IOUT=10mA
0.09
%/V
Load Regulation
VIN=VOUT+1V
(2.5V
≤V
IN) 1mA
≤I
OUT
≤500mA
0.2
%
Output Voltage Noise
10Hz to
100kHz,
CIN=1.0
μF,
IOUT=100mA
Adjustable
Output,
VOUT=1.0V
60
μVRMS
Adjustable
Output,
VOUT=3.3V
194
Adjustable
Output,
VOUT=5.0V
305
PSRR
Power Supply Ripple
Rejection
VIN=VOUT+1V
IOUT=10mA
f=100Hz
65
dB
f=1kHz
60
f=10kHz
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com