Electronic Components Datasheet Search
  English  ▼

X  

AD5124 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5124
Description  Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5124 Datasheet HTML 11Page - Analog Devices AD5124 Datasheet HTML 12Page - Analog Devices AD5124 Datasheet HTML 13Page - Analog Devices AD5124 Datasheet HTML 14Page - Analog Devices AD5124 Datasheet HTML 15Page - Analog Devices AD5124 Datasheet HTML 16Page - Analog Devices AD5124 Datasheet HTML 17Page - Analog Devices AD5124 Datasheet HTML 18Page - Analog Devices AD5124 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet
AD5124/AD5144/AD5144A
Rev. B | Page 15 of 36
1
2
3
4
5
6
7
8
9
10
GND
A1
W1
W3
A3
B1
RESET
A2
VSS
B3
20
19
18
17
16
15
14
13
12
11
SDA
SCL
VLOGIC
W4
B4
VDD
W2
B2
A4
ADDR
AD5144A
TOP VIEW
(Not to Scale)
Figure 10. 20-Lead TSSOP, I2C Interface Pin Configuration (AD5144A)
Table 10. 20-Lead TSSOP, I2C Interface Pin Function Descriptions (AD5144A)
Pin No.
Mnemonic
Description
1
RESET
Hardware Reset Pin. Refresh the RDAC registers from EEPROM. RESET is activated at the logic low. If this pin is not
used, tie RESET to VLOGIC.
2
GND
Ground Pin, Logic Ground Reference.
3
A1
Terminal A of RDAC1. V
SS ≤ VA ≤ VDD.
4
W1
Wiper Terminal of RDAC1. V
SS ≤ VW ≤ VDD.
5
B1
Terminal B of RDAC1. V
SS ≤ VB ≤ VDD.
6
A3
Terminal A of RDAC3. V
SS ≤ VA ≤ VDD.
7
W3
Wiper Terminal of RDAC3. V
SS ≤ VW ≤ VDD.
8
B3
Terminal B of RDAC3. V
SS ≤ VB ≤ VDD.
9
V
SS
Negative Power Supply. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
10
A2
Terminal A of RDAC2. V
SS ≤ VA ≤ VDD.
11
W2
Wiper Terminal of RDAC2. V
SS ≤ VW ≤ VDD.
12
B2
Terminal B of RDAC2. V
SS ≤ VB ≤ VDD.
13
A4
Terminal A of RDAC4. V
SS ≤ VA ≤ VDD.
14
W4
Wiper Terminal of RDAC4. V
SS ≤ VW ≤ VDD.
15
B4
Terminal B of RDAC4. V
SS ≤ VB ≤ VDD.
16
V
DD
Positive Power Supply. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
17
V
LOGIC
Logic Power Supply; 1.8 V to V
DD. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
18
SCL
Serial Clock Line. Data is clocked in at the logic low transition.
19
SDA
Serial Data Input/Output.
20
ADDR
Programmable Address for Multiple Package Decoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com