Electronic Components Datasheet Search
  English  ▼

X  

AD5124 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5124
Description  Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5124 Datasheet HTML 24Page - Analog Devices AD5124 Datasheet HTML 25Page - Analog Devices AD5124 Datasheet HTML 26Page - Analog Devices AD5124 Datasheet HTML 27Page - Analog Devices AD5124 Datasheet HTML 28Page - Analog Devices AD5124 Datasheet HTML 29Page - Analog Devices AD5124 Datasheet HTML 30Page - Analog Devices AD5124 Datasheet HTML 31Page - Analog Devices AD5124 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD5124/AD5144/AD5144A
Data Sheet
Rev. B | Page 28 of 36
±6 dB Increment and Decrement Instructions
Two programming instructions produce logarithmic taper
increment or decrement of the wiper position control by
an individual potentiometer or by a ganged potentiometer
arrangement where all RDAC register positions are changed
simultaneously. The +6 dB increment is activated by Command 6,
and the −6 dB decrement is activated by Command 7 (see Table 20).
For example, starting with the zero-scale position and executing
Command 6 ten times moves the wiper in 6 dB steps to the full-
scale position. When the wiper position is near the maximum
setting, the last 6 dB increment instruction causes the wiper to go
to the full-scale position (see Table 18).
Incrementing the wiper position by +6 dB essentially doubles the
RDAC register value, whereas decrementing the wiper position
by −6 dB halves the register value. Internally, the AD5124/
AD5144/AD5144A use shift registers to shift the bits left and
right to achieve a ±6 dB increment or decrement. These functions
are useful for various audio/video level adjustments, especially
for white LED brightness settings in which human visual responses
are more sensitive to large adjustments than to small adjustments.
Table 18. Detailed Left Shift and Right Shift Functions for
the ±6 dB Step Increment and Decrement
Left Shift (+6 dB/Step)
Right Shift (−6 dB/Step)
0000 0000
1111 1111
0000 0001
0111 1111
0000 0010
0011 1111
0000 0100
0001 1111
0000 1000
0000 1111
0001 0000
0000 0111
0010 0000
0000 0011
0100 0000
0000 0001
1000 0000
0000 0000
1111 1111
0000 0000
Burst Mode (I2C Only)
By enabling the burst mode, multiple data bytes can be sent to
the part consecutively. After the command byte, the part interprets
the following consecutive bytes as data bytes for the command.
A new command can be sent by generating a repeat start or by a
stop and start condition.
The burst mode is activated by setting Bit D3 of the control
register (see Table 22).
Reset
The AD5124/AD5144/AD5144A can be reset through software
by executing Command 14 (see Table 20) or through hardware
on the low pulse of the RESET pin. The reset command loads the
RDAC register with the contents of the EEPROM and takes
approximately 30 µs. The EEPROM is preloaded to midscale at
the factory, and initial power-up is, accordingly, at midscale.
Tie RESET to VDD if the RESET pin is not used.
Shutdown Mode
The AD5124/AD5144/AD5144A can be placed in shutdown mode
by executing the software shutdown command, Command 15
(see Table 20), and setting the LSB (D0) to 1. This feature places
the RDAC in a zero power consumption state where the device
operates in potentiometer mode, Terminal A is open circuited,
and the wiper, Terminal W, is connected to Terminal B; however, a
finite wiper resistance of 40 Ω is present. When the device is
configured in linear gain setting mode, the resistor addressed,
RAW or RWB, is internally place at high impedance. Table 19 shows a
truth table depending on the device operating mode. The contents
of the RDAC register are unchanged by entering shutdown mode.
However, all commands listed in Table 20 are supported while
in shutdown mode. Execute Command 15 (see Table 20) and set
the LSB (D0) to 0 to exit shutdown mode.
Table 19. Shutdown Mode Truth Table
Linear Gain Setting Mode
Potentiometer Mode
R
AW
R
WB
R
AW
R
WB
High impedance
High impedance
High impedance
R
BS
EEPROM OR RDAC REGISTER PROTECTION
The EEPROM and RDAC registers can be protected by disabling
any update to these registers. This can be done by using software or
by using hardware. If these registers are protected by software,
set Bit D0 and/or Bit D1 (see Table 22), which protects the RDAC
and EEPROM registers independently.
If the registers are protected by hardware, pull the WP pin low
(only available in the LFCSP package). If the WP pin is pulled
low when the part is executing a command, the protection is not
enabled until the command is completed (only available in the
LFCSP package).
When RDAC is protected, the only operation allowed is to copy
the EEPROM into the RDAC register.
LOAD RDAC INPUT REGISTER (LRDAC)
LRDAC software or hardware transfers data from the input
register to the RDAC register (and therefore updates the wiper
position). By default, the input register has the same value as the
RDAC register; therefore, only the input register that has been
updated using Command 2 is updated.
Software LRDAC, Command 8, allows updating of a single RDAC
register or all of the channels at once (see Table 20). This is a
synchronous update.
The hardware LRDAC is completely asynchronous and copies
the content of all the input registers into the associated RDAC
registers. If a command is being executed, any transition in
the LRDAC pin is ignored by the part to avoid data corruption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com