Electronic Components Datasheet Search
  English  ▼

X  

AD5124 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5124
Description  Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5124 Datasheet HTML 20Page - Analog Devices AD5124 Datasheet HTML 21Page - Analog Devices AD5124 Datasheet HTML 22Page - Analog Devices AD5124 Datasheet HTML 23Page - Analog Devices AD5124 Datasheet HTML 24Page - Analog Devices AD5124 Datasheet HTML 25Page - Analog Devices AD5124 Datasheet HTML 26Page - Analog Devices AD5124 Datasheet HTML 27Page - Analog Devices AD5124 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD5124/AD5144/AD5144A
Data Sheet
Rev. B | Page 24 of 36
Daisy-Chain Connection
Daisy chaining minimizes the number of port pins required from
the controlling IC. As shown in Figure 44, the SDO pin of one
package must be tied to the SDI pin of the next package. The clock
period may need to be increased because of the propagation
delay of the line between subsequent devices. When two AD5124/
AD5144 devices are daisy chained, 32 bits of data are required.
The first 16 bits are assigned to U2, and the second 16 bits are
assigned to U1, as shown in Figure 45. Keep the SYNC pin low
until all 32 bits are clocked into their respective serial registers.
The SYNC pin is then pulled high to complete the operation.
To prevent data from mislocking (for example, due to noise) the
part includes an internal counter, if the SCLK falling edges count is
not a multiple of 8, the part ignores the command. A valid clock
count is 16, 24, 32, 40, and so on. The counter resets when SYNC
returns high.
MOSI
SS
SCLK
MISO
MICROCONTROLLER
SDI
SDO
SCLK
SCLK
RP
2.2kΩ
RP
2.2kΩ
SDI
SDO
U1
U2
AD5124/
AD5144
AD5124/
AD5144
SYNC
VLOGIC
SYNC
VLOGIC
Figure 44. Daisy-Chain Configuration
DB15
SCLK
SYNC
MOSI
1
2
16
DB0
DB15
SDO_U1
32
DB15
DB0
DB15
DB0
17
18
DB0
INPUT WORD FOR U2
INPUT WORD FOR U1
INPUT WORD FOR U2
UNDEFINED
Figure 45. Daisy-Chain Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com