Electronic Components Datasheet Search
  English  ▼

X  

AD5291 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, Digital Potentiometers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5291 Datasheet HTML 4Page - Analog Devices AD5291 Datasheet HTML 5Page - Analog Devices AD5291 Datasheet HTML 6Page - Analog Devices AD5291 Datasheet HTML 7Page - Analog Devices AD5291 Datasheet HTML 8Page - Analog Devices AD5291 Datasheet HTML 9Page - Analog Devices AD5291 Datasheet HTML 10Page - Analog Devices AD5291 Datasheet HTML 11Page - Analog Devices AD5291 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
AD5291/AD5292
Data Sheet
Table 6.
Resistor
Tolerance per
Code
RAB = 50 kΩ
RAB = 100 kΩ
|VDD − VSS| = 26 V to 33 V
|VDD − VSS| = 21 V to 26 V
|VDD − VSS| = 26 V to 33 V
|VDD − VSS| = 21 V to 26 V
RWB
RWA
RWB
RWA
RWB
RWA
RWB
RWA
1% R-Tolerance
From 0x08C
to 0x3FF
From 0x000
to 0x35F
From 0x0B4
to 0x3FF
From 0x000
to 0x31E
From 0x04B
to 0x3FF
From 0x000
to 0x3B4
From 0x064
to 0x3FF
From 0x000
to 0x39B
2% R-Tolerance
From 0X03C
to 0x3FF
From 0x000
to 0x3C3
From 0x050
to 0x3FF
From 0x000
to 0x3AF
From 0x028
to 0x3FF
From 0x000
to 0x3D7
From 0x028
to 0x3FF
From 0x000
to 0x3D7
3% R-Tolerance
From 0X028
to 0x3FF
From 0x000
to 0x3D7
From 0x032
to 0x3FF
From 0x000
to 0x3CD
From 0x019
to 0x3FF
From 0x000
to 0x3E6
From 0x019
to 0x3FF
From 0x000
to 0x3E6
INTERFACE TIMING SPECIFICATIONS
VDD/VSS = ±15 V, VLOGIC = 2.7 V to 5.5 V, −40°C < TA < +105°C. All specifications TMIN to TMAX, unless otherwise noted.
Table 7.
Parameter
Limit1
Unit
Description
t12
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
10
ns min
SYNC to SCLK falling edge setup time
t5
5
ns min
Data setup time
t6
5
ns min
Data hold time
t7
1
ns min
SCLK falling edge to SYNC rising edge
t8
4003
ns min
Minimum SYNC high time
t9
14
ns min
SYNC rising edge to next SCLK fall ignore
t104
1
ns min
RDY rising edge to SYNC falling edge
t114
40
ns max
SYNC rising edge to RDY fall time
t124
2.4
µs max
RDY low time, RDAC register write command execute time (R-Perf mode)
t124
410
ns max
RDY low time, RDAC register write command execute time (normal mode)
t124
8
ms max
RDY low time, memory program execute time
t124
1.5
ms min
Software/hardware reset
t134
450
ns max
RDY low time, RDAC register readback execute time
t134
1.3
ms max
RDY low time, memory readback execute time
t144
450
ns max
SCLK rising edge to SDO valid
tRESET
20
ns min
Minimum RESET pulse width (asynchronous)
tPOWER-UP5
2
ms max
Power-on OTP restore time
1
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2
Maximum SCLK frequency is 50 MHz.
3
Refer to t12 and t13 for RDAC register and memory commands operations.
4
RPULL_UP = 2.2 kΩ to VLOGIC, with a capacitance load of 168 pF.
5
Maximum time after VLOGIC is equal to 2.5 V.
DATA BITS
DB9 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL BITS
C0
C1
C2
D9
D8
C3
0
0
Figure 2. Shift Register Content
Rev. E | Page 8 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com