Electronic Components Datasheet Search
  English  ▼

X  

AD5291 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, Digital Potentiometers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5291 Datasheet HTML 22Page - Analog Devices AD5291 Datasheet HTML 23Page - Analog Devices AD5291 Datasheet HTML 24Page - Analog Devices AD5291 Datasheet HTML 25Page - Analog Devices AD5291 Datasheet HTML 26Page - Analog Devices AD5291 Datasheet HTML 27Page - Analog Devices AD5291 Datasheet HTML 28Page - Analog Devices AD5291 Datasheet HTML 29Page - Analog Devices AD5291 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
AD5291/AD5292
Data Sheet
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
8°
0°
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65 BSC
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
SEATING
PLANE
Figure 76. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RAB (kΩ)
Resolution
Memory
Temperature Range
Package Description
Package Option
AD5291BRUZ-20
20
256
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5291BRUZ-20-RL7
20
256
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5291BRUZ-50
50
256
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5291BRUZ-50-RL7
50
256
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5291BRUZ-100
100
256
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5291BRUZ-100-RL7
100
256
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5292BRUZ-20
20
1,024
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5292BRUZ-20-RL7
20
1,024
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5292BRUZ-50
50
1,024
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5292BRUZ-50-RL7
50
1,024
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5292BRUZ-100
100
1,024
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
AD5292BRUZ-100-RL7
100
1,024
20-TP
−40°C to +105°C
14-Lead TSSOP
RU-14
EVAL-AD5292EBZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2009–2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07674-0-12/14(E)
Rev. E | Page 30 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com