Electronic Components Datasheet Search
  English  ▼

X  

AD5291 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, Digital Potentiometers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5291 Datasheet HTML 16Page - Analog Devices AD5291 Datasheet HTML 17Page - Analog Devices AD5291 Datasheet HTML 18Page - Analog Devices AD5291 Datasheet HTML 19Page - Analog Devices AD5291 Datasheet HTML 20Page - Analog Devices AD5291 Datasheet HTML 21Page - Analog Devices AD5291 Datasheet HTML 22Page - Analog Devices AD5291 Datasheet HTML 23Page - Analog Devices AD5291 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
AD5291/AD5292
Data Sheet
6
0
–1
1
2
3
4
5
TIME (ms)
VDD/VSS = ±15V
VLOGIC = +5V
Figure 54. VEXT_CAP Waveform While Reading Fuse Or Calibration
8
–2
0
2
3
6
TIME (ms)
VDD/VSS = ±15V
VLOGIC = +5V
Figure 55. VEXT_CAP Waveform While Writing Fuse
300
250
200
150
100
50
0
75.0
62.5
50.0
37.5
25.0
12.5
0
TEMPERATURE (°C)
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90 100
VDD/VSS = ±15V
50kΩ
20kΩ
100kΩ
Figure 56. Code Range > 1% R-Tolerance Error vs. Temperature
20.0
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
21
26
30
33
VOLTAGE VDD/VSS
80
0
10
20
30
40
50
60
70
VA = VDD
VB = VSS
TEMPERATURE = 25°C
50kΩ
20kΩ
100kΩ
Figure 57. Code Range > 1% R-Tolerance Error vs. Voltage
Rev. E | Page 20 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com