Electronic Components Datasheet Search
  English  ▼

X  

AD5291 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, Digital Potentiometers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5291 Datasheet HTML 14Page - Analog Devices AD5291 Datasheet HTML 15Page - Analog Devices AD5291 Datasheet HTML 16Page - Analog Devices AD5291 Datasheet HTML 17Page - Analog Devices AD5291 Datasheet HTML 18Page - Analog Devices AD5291 Datasheet HTML 19Page - Analog Devices AD5291 Datasheet HTML 20Page - Analog Devices AD5291 Datasheet HTML 21Page - Analog Devices AD5291 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
AD5291/AD5292
Data Sheet
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
1M
100k
10k
1k
100
10
FREQUENCY (Hz)
AD5292 (AD5291)
0x200 (0x80)
0x100 (0x40)
0x080 (0x20)
0x040 (0x10)
0x020 ( 0x08)
0x010 (0x04)
0x008 (0x02)
0x004 (0x01)
0x002
0x001
Figure 42. 20 kΩ Gain vs. Frequency vs. Code
–50
–40
–30
–10
0
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
0x200 (0x80)
0x080 (0x20)
0x020 ( 0x08)
0x010 (0x04)
0x004 (0x01)
0x002
0x001
AD5292 (AD5291)
–20
–60
0x040 (0x10)
0x008 (0x02)
0x100 (0x40)
Figure 43. 50 kΩ Gain vs. Frequency vs. Code
0
–120
–105
–90
–75
–60
–45
–30
–15
FREQUENCY (Hz)
100
1k
10k
100k
VDD/VSS = ±15V
CODE = HALF SCALE
VIN = 1V rms
Noise BW = 22kHz
50kΩ
20kΩ
100kΩ
Figure 44. THD + Noise vs. Frequency
–65
–60
–50
–45
–40
–35
–30
–25
–15
–10
–5
0
1
1M
100k
10k
1k
100
10
FREQUENCY (Hz)
0x200 (0x80)
0x100 (0x40)
0x080 (0x20)
0x040 (0x10)
0x020 ( 0x08)
0x010 (0x04)
0x008 (0x02)
0x004 (0x01)
0x002
0x001
AD5292 (AD5291)
–20
–55
–67.5
Figure 45. 100 kΩ Gain vs. Frequency vs. Code
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
FREQUENCY (Hz)
100k
1M
100kΩ
20kΩ
50kΩ
Figure 46. Power Supply Rejection Ratio vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
0.001
0.01
0.1
1
10
AMPLITUDE (V rms)
VDD/VSS = ±15V,
CODE = HALF SCALE
fIN = 1kHz
NOISE BW = 22kHz
50kΩ
20kΩ
100kΩ
Figure 47. THD + Noise vs. Amplitude
Rev. E | Page 18 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com