Electronic Components Datasheet Search
  English  ▼

X  

AD5291 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, Digital Potentiometers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5291 Datasheet HTML 15Page - Analog Devices AD5291 Datasheet HTML 16Page - Analog Devices AD5291 Datasheet HTML 17Page - Analog Devices AD5291 Datasheet HTML 18Page - Analog Devices AD5291 Datasheet HTML 19Page - Analog Devices AD5291 Datasheet HTML 20Page - Analog Devices AD5291 Datasheet HTML 21Page - Analog Devices AD5291 Datasheet HTML 22Page - Analog Devices AD5291 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
AD5291/AD5292
Rev. E | Page 19 of 30
0
100,000
200,000
300,000
400,000
500,000
600,000
700,000
800,000
900,000
1,000,000
CODE (Decimal)
512
0
128
64
32
16
8
0
128
256
64
32
16
8
20k – 0pF
20k – 75pF
20k – 150pF
20k – 250pF
50k – 0pF
50k – 75pF
50k – 150pF
50k – 250pF
100k – 0pF
100k – 75pF
100k – 150pF
100k – 250pF
AD5292
AD5291
Figure 48. Bandwidth vs Code vs Net Capacitance
35
30
25
–5
20
15
10
5
0
–0.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
TIME (ms)
Figure 49. IDD Waveform While Blowing/Reading Fuse
35
–5
0
5
10
15
20
25
30
TIME (µs)
VWB, CODE: FULL SCALE,
NORMAL MODE
SYNC
VDD/VSS = 30V/0V
VLOGIC = 5V
VA = VDD
VB = VSS
VWB, CODE: HALF-SCALE,
NORMAL MODE
VWB, CODE: HALF-SCALE,
R-PERF MODE
20kΩ
50kΩ
100kΩ
20kΩ
50kΩ
100kΩ
VWB, CODE: FULL SCALE,
R-PERF MODE
Figure 50. 20kΩ Large-Signal Settling Time from Code Zero Scale
8
0
1
2
3
4
5
6
7
0
256
512
768
1023
0
64
128
192
255
AD5292
AD5291
CODE (Decimal)
VDD/VSS = 30V/0V
VA = VDD
VB = VSS
50kΩ
20kΩ
100kΩ
Figure 51. Theoretical Maximum Current vs. Code
1.2
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
TIME (µs)
–2
0
2
4
6
8
10
12
14
16
VDD/VSS = ±15V
VLOGIC = +5V
VA = VDD
VB = VSS
50kΩ
20kΩ
100kΩ
Figure 52. Maximum Transition Glitch
40
32
24
–40
–32
–24
–16
–8
0
8
16
–0.5
0
5
10
15
20
25
30
35
40
45
TIME (µs)
VDD/VSS = ±15V
VA = VDD
VB = VSS
CODE = HALF CODE
Figure 53. Digital Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com