Electronic Components Datasheet Search
  English  ▼

X  

AD5291 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, Digital Potentiometers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5291 Datasheet HTML 6Page - Analog Devices AD5291 Datasheet HTML 7Page - Analog Devices AD5291 Datasheet HTML 8Page - Analog Devices AD5291 Datasheet HTML 9Page - Analog Devices AD5291 Datasheet HTML 10Page - Analog Devices AD5291 Datasheet HTML 11Page - Analog Devices AD5291 Datasheet HTML 12Page - Analog Devices AD5291 Datasheet HTML 13Page - Analog Devices AD5291 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AD5291/AD5292
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
VDD to GND
−0.3 V to +35 V
VSS to GND
+0.3 V to − 25 V
VLOGIC to GND
−0.3 V to + 7 V
VDD to VSS
35 V
VA, VB, VW to GND
VSS − 0.3 V, VDD+ 0.3 V
Digital Input and Output Voltage to GND
−0.3 V to VLOGIC + 0.3 V
EXT_CAP Voltage to GND
−0.3 V to +7 V
IA, IB, IW
Continuous
RAB = 20 kΩ
±3 mA
RAB = 50 kΩ, 100 kΩ
±2mA
Pulsed1
Frequency > 10 kHz
MCC2/d3
Frequency ≤ 10 kHz
MCC2/√d3
Operating Temperature Range4
−40°C to +105°C
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(TJ max − TA)/θJA
1
Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2
Maximum continuous current
3
Pulse duty factor.
4
Includes programming of OTP memory.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is defined by JEDEC specification JESD-51 and the value is
dependent on the test board and test environment.
Table 9. Thermal Resistance
Package Type
θJA
θJC
Unit
14-Lead TSSOP
931
20
°C/W
1
JEDEC 2S2P test board, still air (0 m/sec to 1 m/sec airflow).
ESD CAUTION
Rev. E | Page 10 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com