Electronic Components Datasheet Search
  English  ▼

X  

ADF5610 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF5610
Description  Fractional-N PLL with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5610 Datasheet(HTML) 4 Page - Analog Devices

  ADF5610 Datasheet HTML 1Page - Analog Devices ADF5610 Datasheet HTML 2Page - Analog Devices ADF5610 Datasheet HTML 3Page - Analog Devices ADF5610 Datasheet HTML 4Page - Analog Devices ADF5610 Datasheet HTML 5Page - Analog Devices ADF5610 Datasheet HTML 6Page - Analog Devices ADF5610 Datasheet HTML 7Page - Analog Devices ADF5610 Datasheet HTML 8Page - Analog Devices ADF5610 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
ADF5610
Preliminary Technical Data
Rev. PrE | Page 4 of 48
SPECIFICATIONS
AVDD = DVDD = 3.3 V ± 5%, VDDLS , VPPCP, RVDD, VDDPD, VCCPS, VCCHF = 3.3V ± 5%,
VDD1, VDD2, VDD3 = 3.3V±10%, VCCVCO = 5.0V ± 5%, GND = 0 V,
Minimum and maximum specified across the temperature range of −40°C to +85°C.
Table 1.
Parameter
 
Test Conditions/Comments
 
Min
Typ
Max
Unit
RF OUTPUT CHARACTERISTICS
RFOUT Frequency
7000
15000
MHz
VCO Frequency at PLL Input
3500
7000
MHz
Frequency Range PDIV / NDIV
55
15000
MHz
OUTPUT POWER
RFOUT Power
Across all frequencies, high performance
mode (VCO_REG 0x01[11:9] = 0x3),
Maximum gain setting (VCO_REG 0x01[8:7]
= 0x3)
0
5
10
RFOUT Power Control Range
1 dB steps
4
dB
RFOUT Power Variation vs Temperature
±2
dBm
RFOUT Power Variation vs Frequency
±3
dBm
PDIV / NDIV Power
Maximum gain setting
(VCO_REG 0x01[13:12] = 0x3), single-ended
-2
0
2
dBm
Divide-by-2 to divide-by-128
2
dBm
PDIV / NDIV Control Range
3 settings, bypass mode (divide-by-1)
6
dB
HARMONICS (RFOUT)
½ Harmonic
(3500MHz – 7500MHz)
-20
dBc
1.5 Harmonic
-30
dBc
2nd Harmonic
-30
dBc
2.5 Harmonic
-35
dBc
3rd Harmonic
-30
dBc
VCO OUTPUT DIVIDER
VCO RF Divider Range
1, 2, 4, 6, 8, … 128
1
128
HARMONICS (PDIV / NDIV )
Fundamental Feedthrough Outputs (N =
1)
Measured single-ended
-20
dBc
Push-Push Feedthrough (N=2)
Measured single-ended
-24
dBc
PLL RF DIVIDER CHARACTERISTICS
19-Bit N-Divider Range (Integer)
Maximum = 219 − 1
16
524,2
87
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio varies (±4)
dynamically maximum
20
524,2
83
REFERENCE INPUT CHARACTERISTICS
Maximum XREFP Input Frequency
350
MHz
XREFP Input Level
AC-coupled1
−6
+12
dBm
XREFP Input Capacitance
5
 
pF
14-Bit R-Divider Range
1
16,38
3
PHASE DETECTOR (PD)2
PD Frequency Fractional Mode3
DC
100
 
MHz
PD Frequency Integer Mode
DC
 
100
MHz
CHARGE PUMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com