Electronic Components Datasheet Search
  English  ▼

X  

ADF5610 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF5610
Description  Fractional-N PLL with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5610 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF5610 Datasheet HTML 7Page - Analog Devices ADF5610 Datasheet HTML 8Page - Analog Devices ADF5610 Datasheet HTML 9Page - Analog Devices ADF5610 Datasheet HTML 10Page - Analog Devices ADF5610 Datasheet HTML 11Page - Analog Devices ADF5610 Datasheet HTML 12Page - Analog Devices ADF5610 Datasheet HTML 13Page - Analog Devices ADF5610 Datasheet HTML 14Page - Analog Devices ADF5610 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Preliminary Technical Data
ADF5610
Rev. PrE | Page 11 of 48
34
VDD2
Reference voltage supply , 3.3V ± 5%
35
VPRST
Temperature dependent, calibration preset. Decouple with a 470nF capacitor.
37
VT
VCO tuning port, 0 to 3.6 V ± 5%. Place last pole of low pass filtered charge pump output close to
this pin if loop filter path is electrically long.
39
VG
Gate voltage bypassing, decouple to GND with a low ESR, 10uF capacitor
41
SCK
Serial Port Interface clock input
42
SDI
Serial Port Data Input
43
SEN
Serial Port Interface enable input, active high
44
CEN
Hardware chip enable input; active high. Logic low powers down PLL section
46
DVDD
Digital power supply, 3.3V ± 5%
48
XREFP
External reference input. For 50 ohm match, AC couple to XREFP pin using a low reactance capacitor
value and add a shunt 100 ohm resistor to ground.
EP
Exposed pad. The exposed pad or ground paddle on the backside of the package must be tied to RF
/ DC ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com