Electronic Components Datasheet Search
  English  ▼

X  

ADF5610 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF5610
Description  Fractional-N PLL with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5610 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF5610 Datasheet HTML 16Page - Analog Devices ADF5610 Datasheet HTML 17Page - Analog Devices ADF5610 Datasheet HTML 18Page - Analog Devices ADF5610 Datasheet HTML 19Page - Analog Devices ADF5610 Datasheet HTML 20Page - Analog Devices ADF5610 Datasheet HTML 21Page - Analog Devices ADF5610 Datasheet HTML 22Page - Analog Devices ADF5610 Datasheet HTML 23Page - Analog Devices ADF5610 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
ADF5610
Preliminary Technical Data
Rev. PrE | Page 20 of 48
‘1’ back to ‘0’ closing the loop filter path and returning
the source of the VCO tune voltage (VT) to the charge
pump.
5)
The new VCO frequency is now routed to the input of
the PLL, divided down and compared to the reference
frequency. The charge pump adjusts the VCO tuning
voltage as necessary to lock phase lock the new
frequency to the reference frequency.
The temperature compensated voltage that is used during
autocalibration is brought out to the VPRST pin (pin 35) of the
ADF5610. This could be useful for a real time estimate of the
junction temperature of the die however some caution should
be exercised if it is desired to continuously monitor this voltage.
This is a low noise circuit and although the internal switch has
good isolation, it could still allow external noise to be coupled
onto the precision reference circuit which would result in
unwanted spurs, sidebands and degraded phase noise.
Although the digital VCO switches are normally automatically
controlled by the ADF5610 using the autocalibration feature, the
VCO switches can also be controlled directly via Register 0x05
for testing or for special purpose operations. Other control bits
specific to the VCO are also sent via Register 0x05. Refer to the
VCO Subsystem Register Map section for further details.
As mentioned previously, during autocalibration, coarse tuning
is provided by the FSM as it selects the most appropriate band
for operation over the full operating temperature range. Fine
tuning is achieved by varactor diodes once the VCO
autocalibration bit VCO_REG 0x0[7] is reset by the FSM. This
gives control of the tuning voltage back to the phase detector
and charge pump. Since the band has been selected, a narrow
arrow voltage range on the varactor is all that is needed for
phase lock. Note that the tuning voltage stays in a narrow range
over a wide range of output frequencies.
The calibration is normally run automatically, once for every
change of frequency. This autocalibration ensures optimum
selection of VCO switch settings vs. time and temperature. The
user does not normally need to be concerned about which
switch setting is used for a given frequency because this is
handled by the autocalibration routine.
The accuracy required in the calibration affects the amount of
time required to tune the VCO. The calibration routine searches
for the best step setting that locks the VCO at the current
programmed frequency and ensures that the VCO stays locked
and performs well over its full temperature range without
additional calibration, regardless of the temperature at which
the VCO was calibrated.
Autocalibration can also be disabled, thereby allowing manual
VCO tuning. Refer to the Manual VCO Calibration for Fast
Frequency Hopping section for more information about manual
tuning.
Autocalibration Using Register 0x05
Autocalibration transfers switch control data to the VCO
subsystem via Register 0x05. The address of the VCO
subsystem in Register 0x05 is not altered by the autocalibration
routine. The address and ID of the VCO subsystem in Register
0x05 must be set to the correct value before autocalibration is
executed. For more information, see the VCO Serial Port
Interface (VSPI) section.
Automatic Relock on Lock Detect Failure
It is possible, by setting Register 0x07[13], to have the VCO
subsystem automatically rerun the calibration routine and
relock itself if the lock detect indicates an unlocked condition for
any reason. With this option, the system attempts to relock only
once.
VCO Autocalibration on Frequency Change
Assuming Register 0x0A[11] = 0, the VCO calibration starts
automatically whenever a frequency change is requested. To
rerun the autocalibration routine for any reason at the same
frequency, rewrite the frequency change with the same value,
and the autocalibration routine executes again without
changing the final frequency.
VCO Autocalibration Time and Accuracy
The VCO frequency is counted for tMMT, the period of a single
autocalibration measurement cycle.
tMMT = tXTAL × R × 2n
(1)
where:
tXTAL is the period of the external reference (crystal) oscillator.
R is the reference path division ratio currently in use, set in
Register 0x02.
n is set by Register 0x0A[2:0] and results in measurement
periods that are multiples of the PD period, tXTAL × R.
The VCO autocalibration counter, on average, expects to register
N counts, rounded down (floor) to the nearest integer, for every
PD cycle.
N is the ratio of the target VCO frequency, fVCO, to the frequency of
the PD, fPD, where N can be any rational number supported by
the N divider.
N is set by the integer and fractional register contents using
Equation 2.
N = NINT + NFRAC/224
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com