Electronic Components Datasheet Search
  English  ▼

X  

ADF5610 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF5610
Description  Fractional-N PLL with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5610 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF5610 Datasheet HTML 20Page - Analog Devices ADF5610 Datasheet HTML 21Page - Analog Devices ADF5610 Datasheet HTML 22Page - Analog Devices ADF5610 Datasheet HTML 23Page - Analog Devices ADF5610 Datasheet HTML 24Page - Analog Devices ADF5610 Datasheet HTML 25Page - Analog Devices ADF5610 Datasheet HTML 26Page - Analog Devices ADF5610 Datasheet HTML 27Page - Analog Devices ADF5610 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
ADF5610
Preliminary Technical Data
Rev. PrE | Page 24 of 48
Figure 26. Charge Pump Gain and Offset Control
Charge Pump Phase Offset
In integer mode, the phase detector operates with zero offset.
The divided reference signal and the divided VCO signal arrive
at the phase detector inputs at the same time. Integer mode
does not require any CP offset current. When operating in
integer mode, disable the CP offset in both directions (up and
down) by writing Register 0x09[22:21] = 00b, and set the CP
offset magnitude to zero by writing Register 0x09[20:14] = 0.
In fractional mode, CP linearity is of paramount importance.
Any nonlinearity degrades phase noise and spurious perfor-
mance. These nonlinearities are eliminated by operating the PD
with an average phase offset, either positive or negative (either
the reference or the VCO edge always leads, that is, arrives first
at the PD).
A programmable CP offset current source adds dc current to
the loop filter and creates the desired phase offset. Positive
current causes the VCO to lead, whereas negative current
causes the reference to lead.
The CP offset is controlled via Register 0x09. Increasing the offset
current causes the phase offset to scale from 0° to 360°.
The specific level of charge pump offset current (Register 0x09,
Bits[20:14]) is calculated using Equation 9 and shown in Figure 27.
Required CP Offset = min ((4.3 × 10−9 × fPD × ICP), 0.25 × ICP)
(9)
where:
fPD is the comparison frequency of the phase detector (Hz).
ICP is the full-scale current setting (A) of the switching charge
pump (set in Register 0x09[6:0] and Register 0x09[13:7]).
Figure 27. Recommended CP Offset Current vs. Phase Detector Frequency for
Typical CP Gain Currents, Calculated Using Equation 9
Do not allow the required CP offset current to exceed 25%
of the programmed CP current. It is recommended to
enable the up offset and disable the down offset by writing
Register 0x09[22:21] = 01b.
Operation with CP offset influences the required configuration
of the lock detect function. See the description of the lock
detect function in the Lock Detect section.
Phase Detector Functions
Register 0x0B, the phase detector register, provides access to
special phase detector features.
Setting Register 0x0B[5] = 0 masks the PD up output, which
prevents the charge pump from pumping up.
Setting Register 0x0B[6] = 0 masks the PD down output, which
prevents the charge pump from pumping down.
Clearing both Register 0x0B[5] and Register 0x0B[6] tri-states
the charge pump while leaving all other functions operating
internally.
UP
PD
REF PATH
VCO PATH
LOOP
FILTER
UP GAIN
REG 0x09[13:7]
UP OFFSET REG 0x09[21]
0µA TO 635µA
5µA STEP
REG 0x09[20:14]
DOWN OFFSET REG 0x09[22]
0µA TO 635µA
5µA STEP
REG 0x09[20:14]
0mA TO 2.54mA
20µA STEP
0mA TO 2.54mA
20µA STEP
DOWN GAIN
REG 0x09[6:0]
DN
0
100
200
300
400
500
600
700
0
20406080
100
PHASE DETECTOR FREQUENCY (MHz)
CP CURRENT = 2.5mA
CP CURRENT = 2mA
CP CURRENT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com