Electronic Components Datasheet Search
  English  ▼

X  

ADF5610 Datasheet(PDF) 39 Page - Analog Devices

Part # ADF5610
Description  Fractional-N PLL with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5610 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF5610 Datasheet HTML 35Page - Analog Devices ADF5610 Datasheet HTML 36Page - Analog Devices ADF5610 Datasheet HTML 37Page - Analog Devices ADF5610 Datasheet HTML 38Page - Analog Devices ADF5610 Datasheet HTML 39Page - Analog Devices ADF5610 Datasheet HTML 40Page - Analog Devices ADF5610 Datasheet HTML 41Page - Analog Devices ADF5610 Datasheet HTML 42Page - Analog Devices ADF5610 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Preliminary Technical Data
ADF5610
Rev. PrE | Page 39 of 48
AUTOCALIBRATION REGISTER
Table 23. Register 0x0A, VCO Autocalibration Configuration Register (Default 0x002205) – Program to 0x002047
Bit
Type
Name
Width
Default
Description
2:0
R/W
VTUNE resolution
3
5
R divider cycles
0: 1 cycle
1: 2 cycles
2: 4 cycles
…
7: 256 cycles
9:3
R/W
Reserved
7
64d
Program 8d
10
R/W
Force curve
1
0
Program 0
11
R/W
Autocalibration disable
1
0
Program 0 for normal operation using VCO autocalibration
12
R/W
No VSPI trigger
1
0
0: normal operation
1: this bit disables the serial transfers to the VCO subsystem
(via Register 0x05)
14:13
R/W
FSM/VSPI clock select
2
1
These bits set the autocalibration FSM and VSPI clock (50 MHz
maximum)
0: input crystal reference
1: input crystal reference divide by 4
2: input crystal reference divide by 16
3: input crystal reference divide by 32
16:15
R/W
Reserved
2
0
Reserved
PHASE DETECTOR (PD) REGISTER
Table 24. Register 0x0B, PD Register (Default 0x0F8061)
Bit
Type
Name
Width
Default
Description
2:0
R/W
PD_DEL_SEL
3
1
Sets the PD reset path delay (recommended setting is 001).
4:3
R/W
Reserved
2
0
Reserved. Combined separate values shown on 704, using defaults – ok.
5
R/W
PD_UP_EN
1
1
Enables the PD up output.
6
R/W
PD_DN_EN
1
1
Enables the PD down output.
8:7
R/W
CSP mode
2
0
Cycle slip prevention mode. This delay varies by ±10% with temperature and ±12%
with process. Extra current (~8mA) is driven into the loop filter when the phase
error is larger than the following:
0 = disabled.
1 = 5.4 ns.
2 = 14.4 ns.
3 = 24.1 ns.
CSP should only be used with comparison frequencies <= 50MHz, otherwise
disable. Always confirm loop stability when using CSP.
9
R/W
Force CP up
1
0
Forces CP up output to turn on; use for test only.
10
R/W
Force CP
down
1
0
Forces CP down output to turn on; use for test only.
11
R/W
Force CP
Mid-Rail
1
0
Forces CP to Mid-Rail; use for test only.
19:12
R/W
Reserved
13
248d
(0xF8)
Reserved.
[21:20]
R/W
Divider
Pulse Width
2
0
0: Shortest…3: Longest
[23:22]
R/W
Reserved
1
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com