Electronic Components Datasheet Search
  English  ▼

X  

ML64168 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML64168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64168 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML64168 Datasheet HTML 17Page - OKI electronic componets ML64168 Datasheet HTML 18Page - OKI electronic componets ML64168 Datasheet HTML 19Page - OKI electronic componets ML64168 Datasheet HTML 20Page - OKI electronic componets ML64168 Datasheet HTML 21Page - OKI electronic componets ML64168 Datasheet HTML 22Page - OKI electronic componets ML64168 Datasheet HTML 23Page - OKI electronic componets ML64168 Datasheet HTML 24Page - OKI electronic componets ML64168 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
FEDL64168-01
Semiconductor
ML64168
21/49
DC Characteristics (1.5 V Spec. ) ( Continued )
(VSS=0V, VDD1=VDDI=VDD=1.5V, VDD2=3.0V, VDD3=4.5V, Ta=-40 to +85
°C unless otherwise specified )
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
Circuit
∆VT1
-
0.05
0.1
0.3
Hysteresis Width
( P0.0 to P0.3 )
( P2.0 to P2.3 )
( P3.0 to P3.3 )
( P4.0 to P4.3 )
∆VT1S
VDDI=5.0V
0.25
1.0
1.5
Hysteresis Width
(
RESET, TST1,
TST2 )
∆VT2
-
0.05
0.1
0.3
V4
Input Pin
Capacitance
( P0.0 to P0.3 )
( P2.0 to P2.3 )
( P3.0 to P3.3 )
( P4.0 to P4.3 )
CIN
--
-
5
pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com