Electronic Components Datasheet Search
  English  ▼

X  

ML64168 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML64168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64168 Datasheet(HTML) 2 Page - OKI electronic componets

  ML64168 Datasheet HTML 1Page - OKI electronic componets ML64168 Datasheet HTML 2Page - OKI electronic componets ML64168 Datasheet HTML 3Page - OKI electronic componets ML64168 Datasheet HTML 4Page - OKI electronic componets ML64168 Datasheet HTML 5Page - OKI electronic componets ML64168 Datasheet HTML 6Page - OKI electronic componets ML64168 Datasheet HTML 7Page - OKI electronic componets ML64168 Datasheet HTML 8Page - OKI electronic componets ML64168 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
FEDL64168-01
Semiconductor
ML64168
2/49
∙ I/O port
Input-output port
: 3 ports
× 4 bits
Input port
: 1 port
× 4 bits
Output port
: 1 port
× 4 bits
( 8 out of the 34 LCD driver outputs can be used as
output-only ports by mask option. )
∙ LCD driver
: 34 outputs
(1) At 1/4 duty and 1/3 bias
: 120 segments (max.)
(2) At 1/3 duty and 1/3 bias
: 93 segments (max.)
(3) At 1/2 duty and 1/2 bias
: 64 segments (max.)
Voltage Regulator for LCD Driver (selectable by mask option)
The LCD panel display is stable regardless of temporary supply voltage drop, because the voltage
generated by the voltage regulator for LCD driver is supplied to the bias voltage generator as a
reference voltage.
LCD Operating Voltage
When the voltage regulator for LCD driver is used
: 3.6 V ( Duty cycle = 1/4 or 1/3 )
: 2.4 V ( Duty cycle = 1/2 )
When the voltage regulator for LCD driver is not used
: 4.5 V ( Duty cycle = 1/4 or 1/3 )
: 3.0 V ( Duty cycle = 1/2 )
∙ Buzzer driver
: 1 output ( 4 output modes selectable )
∙ Serial port
: Synchronous 8-bit transfer
Selectable as external clock / internal clock
Selectable as MSB first / LSB first
∙ Capture circuit
: 2 channels ( 32Hz, 64Hz, 128Hz, 256Hz )
∙ Battery check circuit
: 1 ( incorporated into the input-only port )
∙ Watchdog timer
∙ Interrupt
External interrupt
: 2 sources
Internal interrupt
: 8 sources
∙ Package:
80-pin plastic QFP ( QFP80-P-1420-0.80-BK ) : ( Product name : ML64168-xxxGP )
80-pin plastic QFP ( QFP80-P-1414-0.65-K )
: ( Product name : ML64168-xxxGA )
80-pin plastic TQFP ( TQFP80-P-1212-0.50-K ):( Product name : ML64168-xxxTB )
Chip
: ( Product name : ML64168-xxx )
xxx indicates a code number.
PROGRAM DEVELOPMENT ENVIRONMENT
∙ Structured Assembler
:
SASM64K
∙ In Circuit Emulator
:
EASE64168
∙ Debugger
:
DT64K
∙ OTP version product
:
ML64P168
( replaces the built-in program memory with one-time PROM )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com