Electronic Components Datasheet Search
  English  ▼

X  

ML64168 Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML64168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64168 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML64168 Datasheet HTML 14Page - OKI electronic componets ML64168 Datasheet HTML 15Page - OKI electronic componets ML64168 Datasheet HTML 16Page - OKI electronic componets ML64168 Datasheet HTML 17Page - OKI electronic componets ML64168 Datasheet HTML 18Page - OKI electronic componets ML64168 Datasheet HTML 19Page - OKI electronic componets ML64168 Datasheet HTML 20Page - OKI electronic componets ML64168 Datasheet HTML 21Page - OKI electronic componets ML64168 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
FEDL64168-01
Semiconductor
ML64168
18/49
DC Characteristics (1.5 V Spec. ) (Continued )
(VSS=0V, VDD1=VDDI=VDD=1.5V, Ta=-40 to +85
°C unless otherwise specified )
Parameter
Symbol
Condition
Min.
Typ.
Max
.
Unit
Measur-
ing
Circuit
Supply current 1*
IDD1
CPU in halt state
(700kHz RC oscillation stop)
-2
5
µA
Supply current 2*
IDD2
CPU in operating state
(700kHz RC oscillation stop)
-5
15
µA
Supply current 3
IDD3
CPU in operating state
(700kHz RC oscillation in operation)
-60
100
µA
Supply current 4
IDD4
Serial transfer, fSCK=300kHz,
CPU in operating state
(700kHz RC oscillation stop)
-7
50
µA
RT0=10k
Ω
-150
230
µA
Supply current 5
IDD5
CPU in halt state
(700kHz RC oscillation stop)
RC oscillation for A/D
converter is in operating state
RT0=2k
Ω
-600
900
µA
Supply current 6
IDD6
Battery check circuit in operating state, CPU
in operating state
(700kHz RC oscillation stop)
-10
80
µA
1
* : At Non-regulated LCD driver.
In case of select a voltage regulated LCD driver, see P.38/49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com