Electronic Components Datasheet Search
  English  ▼

X  

ML64168 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML64168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64168 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML64168 Datasheet HTML 8Page - OKI electronic componets ML64168 Datasheet HTML 9Page - OKI electronic componets ML64168 Datasheet HTML 10Page - OKI electronic componets ML64168 Datasheet HTML 11Page - OKI electronic componets ML64168 Datasheet HTML 12Page - OKI electronic componets ML64168 Datasheet HTML 13Page - OKI electronic componets ML64168 Datasheet HTML 14Page - OKI electronic componets ML64168 Datasheet HTML 15Page - OKI electronic componets ML64168 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
FEDL64168-01
Semiconductor
ML64168
12/49
Table 2 Pin Descriptions ( Secondary Functions )
Pin No.
Function
Symbol
GP
GA,
TB
Pad
No.
Type
Description
P2.0/
INT0
18
16
16
P2.1/
INT0
19
17
17
P2.2/
INT0
20
18
18
P2.3/
INT0
21
19
19
I
P3.0/
INT0
22
20
20
P3.1/
INT0
23
21
21
P3.2/
INT0
24
22
22
P3.3/
INT0
25
23
23
I
P4.0/
INT0
26
24
24
P4.1/
INT0
27
25
25
P4.2/
INT0
28
26
26
P4.3/
INT0
29
27
27
I
Secondary functions of P2.0 to P2.3, P3.0 to P3.3, and
P4.0 to P4.3:
Level-triggered external 0 interrupt input pins.
The change of input signal level causes an interrupt to
occur.
P0.0/
INT1
77
75
75
P0.1/
INT1
78
76
76
P0.2/
INT1
79
77
77
External
Interrupt
P0.3/
INT1
80
78
78
I
Secondary functions of P0.0 to P0.3:
Level-triggered external 1 interrupt input pins.
The change of input signal level causes an interrupt to
occur.
P0.0/
CAPIN0
77
75
75
Secondary functions of P0.0:
This pin is assigned the capture circuit trigger input pin
of CAPR0 function .
Capture
trigger
P0.1/
CAPIN1
78
76
76
I
Secondary functions of P0.1:
This pin is assigned the capture circuit trigger input pin
of CAPR1 function .
P3.3/
SIN
25
23
23
I
Secondary functions of P3.3:
This pin is assigned the data input of a serial port.
P4.0/
SOUT
26
24
24
O
Secondary functions of P4.0:
This pin is assigned the data output of a serial port.
P4.1/
SPR
27
25
25
O
Secondary functions of P4.1:
This pin is assigned the ready output of a serial port.
Serial
port
P4.2/
SCLK
28
26
26
I/O
Secondary functions of P4.2:
This pin is assigned the clock input-output of a serial
port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com