Electronic Components Datasheet Search
  English  ▼

X  

ML64168 Datasheet(PDF) 26 Page - OKI electronic componets

Part # ML64168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64168 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button ML64168 Datasheet HTML 22Page - OKI electronic componets ML64168 Datasheet HTML 23Page - OKI electronic componets ML64168 Datasheet HTML 24Page - OKI electronic componets ML64168 Datasheet HTML 25Page - OKI electronic componets ML64168 Datasheet HTML 26Page - OKI electronic componets ML64168 Datasheet HTML 27Page - OKI electronic componets ML64168 Datasheet HTML 28Page - OKI electronic componets ML64168 Datasheet HTML 29Page - OKI electronic componets ML64168 Datasheet HTML 30Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
FEDL64168-01
Semiconductor
ML64168
26/49
AC Characteristics (1.5 V Spec.) (Serial Interface)
( VSS=0v, VDDI=5.0V, VDD=1.5V , Ta=-40 to +85
°C unless otherwise specified )
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SCLK Input Fall Time
tf
-
-
15
50
ns
SCLK Input Rise Time
tr
-
-
15
50
ns
SCLK Input “L” Level Pulse Width
tCWL
-0.8
-
-
µs
SCLK Input “H” Level Pulse Width
tCWH
-0.8
-
-
µs
SCLK Input Cycle Time
tCYC
-2.0
-
-
µs
SCLK Output Cycle Time
tCYC1(O)
CPU is operating at
32.768kHz
-
30.5
-
µs
SCLK Output Cycle Time
tCYC2(O)
CPU is operating at 700kHz
-
1.43
-
µs
SOUT Output Delay Time
tDDR
CL=10pF
-
-
0.4
µs
SIN Input Setup Time
tDS
-0.5
-
-
µs
SIN Input Hold Time
tDH
-0.8
-
-
µs
Synchronous communication timing
( “H” level = 4.0V, “L” level = 1.0V )
tr
tf
tCWH
tCWL
tDDR
tDDR
tCYC
tDS
tDS
tDH
5V
5V
5V
SCLK
(P4.2)
SOUT
(P4.0)
SIN
(P3.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com