Electronic Components Datasheet Search
  English  ▼

X  

ML64168 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML64168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64168 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML64168 Datasheet HTML 9Page - OKI electronic componets ML64168 Datasheet HTML 10Page - OKI electronic componets ML64168 Datasheet HTML 11Page - OKI electronic componets ML64168 Datasheet HTML 12Page - OKI electronic componets ML64168 Datasheet HTML 13Page - OKI electronic componets ML64168 Datasheet HTML 14Page - OKI electronic componets ML64168 Datasheet HTML 15Page - OKI electronic componets ML64168 Datasheet HTML 16Page - OKI electronic componets ML64168 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
FEDL64168-01
Semiconductor
ML64168
13/49
Table 2 Pin Descriptions ( Secondary Functions ) ( continued )
Pin No.
Function
Symbol
GP
GA,
TB
Pad
No.
Type
Description
RC
Oscillation
Monitor
P4.3/
MON
29
27
27
O
Secondary functions of P4.3:
This pin is a monitor output of the RC oscillation clock
for an A/D converter and a 700kHz RC oscillation clock
for a system clock.
Battery
Check
P0.3/
CMP
80
78
78
I
Secondary functions of P0.3:
This pin is an analog comparator input pin for battery
check circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com