Electronic Components Datasheet Search
  English  ▼

X  

ML66517 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML66517
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66517 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML66517 Datasheet HTML 2Page - OKI electronic componets ML66517 Datasheet HTML 3Page - OKI electronic componets ML66517 Datasheet HTML 4Page - OKI electronic componets ML66517 Datasheet HTML 5Page - OKI electronic componets ML66517 Datasheet HTML 6Page - OKI electronic componets ML66517 Datasheet HTML 7Page - OKI electronic componets ML66517 Datasheet HTML 8Page - OKI electronic componets ML66517 Datasheet HTML 9Page - OKI electronic componets ML66517 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PEDL66517-03
1Semiconductor
ML66517 Family
6/28
16-bit Timer0
ALU
Memory Control
Pointing Registers
Local Registers
Instruction
Decoder
RAM
1K/2K
8-bit Timer6/WDT
System
Control
CPU Core
TM0OUT
TM0EVT
RES
CLKSEL1
CLKSEL0
OSC1
OSC0
EA
PSEN
WR
RD
ALE
ROM
32K/64K
A8 to A15
AD0 to AD7
P0
P1
P3
P5
P6
P7
P8
P11
P12
TBC
SSP
Control
Registers
LRB
PSW
PC
ALU Control
ACC
P15
P16
P17
3-phase
PWM
INACT
PWMVB
CAP
10-bit A/D
Converter
V
AGND
AI4 to AI7
Interrupt
NMI
EXINT0
EXINT1
REF
to
Peripheral
8-bit Timer9
8-bit Timer4/BRG
8-bit Timer3/BRG
8-bit Timer5
CLKOUT
SIO6
(UART/SYNC)
RXD6
TXD6
RXC6
SIO1
(UART/SYNC)
RXD1
RXC1
TXC1
TXD1
8-bit PWM0
PWM0OUT
PWM1OUT
8-bit PWM1
TXC6
PWMV
PWMW
PWMWB
PWMUB
PWMU
CAP/CMP
16-bit FRC
CMP
CAPF0
CAPF1
CPCMF0
CPCMF1
*1
*2
*1 ML66Q515 has 2KB RAM, ML66514 has 1KB RAM
*2 ML66Q515 has 64KB ROM, ML66514 has 32KB ROM
ML66Q515/ML66514 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com