Electronic Components Datasheet Search
  English  ▼

X  

ML66517 Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML66517
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66517 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML66517 Datasheet HTML 14Page - OKI electronic componets ML66517 Datasheet HTML 15Page - OKI electronic componets ML66517 Datasheet HTML 16Page - OKI electronic componets ML66517 Datasheet HTML 17Page - OKI electronic componets ML66517 Datasheet HTML 18Page - OKI electronic componets ML66517 Datasheet HTML 19Page - OKI electronic componets ML66517 Datasheet HTML 20Page - OKI electronic componets ML66517 Datasheet HTML 21Page - OKI electronic componets ML66517 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
PEDL66517-03
1Semiconductor
ML66517 Family
18/28
ELECTRICAL CHARACTERISTICS
DC Characteristics
(V
DD = 4.5 to 5.5 V, Ta = –40 to +80°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
*1
0.44 V
DD
—V
DD + 0.3
“H” input voltage
*2 to *8
V
IH
—
0.80 V
DD
—V
DD + 0.3
“L” input voltage
*1
–0.3
—
0.16 V
DD
“L” input voltage
*2 to *8
V
IL
—
–0.3
—
0.2 V
DD
I
O = –400 µA
V
DD – 0.4
—
“H” output voltage
*1, *4, *5
I
O = –2.0 mA
V
DD – 0.6
—
—
I
O = –200 µA
V
DD – 0.4
—
—
“H” output voltage
*2
V
OH
I
O = –2.0 mA
V
DD – 0.6
—
—
I
O = 3.2 mA
—
—
0.4
“L” output voltage
*1, *5
I
O = 5.0 mA
—
—
0.8
I
O = 3.2 mA
—
—
0.4
“L” output voltage
*4
I
O = 10.0 mA
—
—
1.0
I
O = 1.6 mA
—
—
0.4
“L” output voltage
*2
V
OL
I
O = 5.0 mA
—
—
0.8
V
Input leakage current*3, *7
—
—
1/–1
Input current
*6
—
—
1/–250
Input current
*8
I
IH/IIL
V
I =VDD/0 V
—
—
15/–15
µA
Output leakage current
*1, *2, *4, *5
I
LO
V
O =VDD/0 V
—
—
± 10
µA
Pull-up resistance
R
pull
V
I = 0 V
25
50
100
k
Ω
Input capacitance
C
I
—5
—
Output capacitance
C
O
f = 1 MHz, Ta = 25°C
—7
—
pF
During A/D operation
—
—
4
mA
Analog reference supply current
I
REF
When A/D is stopped
—
—
10
µA
ML66Q517/Q515 *9
20
900
Supply current (STOP mode)
I
DDS
ML66517/514 *9
—
150
µA
Supply current (HALT mode)
I
DDH
—30
40
Supply current
I
DD
f = 25 MHz, No load
—40
60
mA
*1: Applicable to P0
*2: Applicable to P1, P2, P6, P7, P8, P10, P11, P15, P17
*3: Applicable to P12
*4: Applicable to P3
*5: Applicable to P16
*6: Applicable to
RES
*7: Applicable to
EA, NMI, CLKSEL0, CLKSEL1
*8: Applicable to OSC0
*9: Ports used as inputs are at V
DD or 0 V. Other ports are unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com