Electronic Components Datasheet Search
  English  ▼

X  

ML66517 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML66517
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66517 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML66517 Datasheet HTML 13Page - OKI electronic componets ML66517 Datasheet HTML 14Page - OKI electronic componets ML66517 Datasheet HTML 15Page - OKI electronic componets ML66517 Datasheet HTML 16Page - OKI electronic componets ML66517 Datasheet HTML 17Page - OKI electronic componets ML66517 Datasheet HTML 18Page - OKI electronic componets ML66517 Datasheet HTML 19Page - OKI electronic componets ML66517 Datasheet HTML 20Page - OKI electronic componets ML66517 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PEDL66517-03
1Semiconductor
ML66517 Family
17/28
ALLOWABLE OUTPUT CURRENT
(1) ML66517/ML66Q517 (80-pin QFP)
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Pin
Symbol
Min.
Typ.
Max.
Unit
“H” output pin (1 pin)
All input pins
I
OH
——
–2
“H” output pins
(sum total)
Sum total of all output pins
∑
IOH
—
—
–50
P3
—
—
10
“L” output pin (1 pin)
Other ports
I
OL
——
5
Sum total of P0, P3
60
Sum total of P1, P2
Sum total of P7, P8, P15
Sum total of P5, P6, P10,
P11, P16, P17
50
“L” output pins
(sum total)
Sum total of all output pins
∑
IOL
——
100
mA
(2) ML66Q515/ML66514 (64-pin QFP/SDIP)
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Pin
Symbol
Min.
Typ.
Max.
Unit
“H” output pin (1 pin)
All input pins
I
OH
——
–2
“H” output pins
(sum total)
Sum total of all output pins
∑
IOH
—
—
–20
P3
—
—
10
“L” output pin (1 pin)
Other ports
I
OL
——
5
Sum total of P0, P3
50
P1
Sum total of P5 to P8,
P11, P15, P17
30
“L” output pins
(sum total)
Sum total of all output pins
∑
IOL
——
60
mA
Note: Each of the family devices has unique pattern routes for the internal power and ground. Connect
the power supply voltage to all V
DD pins and the ground potential to all GND pins. If a device may
have one or more V
DD or GND pins to which the power supply voltage or the ground potential is
not connected, it can not be guaranteed for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com