Electronic Components Datasheet Search
  English  ▼

X  

ML66517 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML66517
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66517 Datasheet(HTML) 1 Page - OKI electronic componets

  ML66517 Datasheet HTML 1Page - OKI electronic componets ML66517 Datasheet HTML 2Page - OKI electronic componets ML66517 Datasheet HTML 3Page - OKI electronic componets ML66517 Datasheet HTML 4Page - OKI electronic componets ML66517 Datasheet HTML 5Page - OKI electronic componets ML66517 Datasheet HTML 6Page - OKI electronic componets ML66517 Datasheet HTML 7Page - OKI electronic componets ML66517 Datasheet HTML 8Page - OKI electronic componets ML66517 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PEDL66517-03
1Semiconductor
This version: Nov. 1999
Previous version: Aug. 1999
ML66517 Family
Preliminary
16-Bit Microcontroller
1/28
GENERAL DESCRIPTION
The ML66517 family of highly functional CMOS 16-bit single chip microcontrollers utilizes the nX-8/500S, Oki's
proprietary CPU core.
Each device includes capture input with an internal digital filter, 10-bit A/D converter, a number of timers, and
dedicated 3-phase PWM (6 outputs) function capable of generating and controlling of AC/DC motor driving
waveforms.
By means of the internal dedicated function for motor control, this general-purpose microcontroller is optimally
suited for DC and AC motor control applications for energy saving. And the internal hardware multiplier allows
high-speed arithmetic operations to be executed. And also the internal clock multiplication circuit can reduce the
source frequency noise so that high-speed operations can be performed.
The flash ROM versions (ML66Q517 and ML66Q515) programmable with a single 5V power supply are also
included in the family. These versions are easily adaptable to quick specification changes and to new product
versions.
APPLICATIONS
Air conditioner or inverter control
Motor control for FA equipment
ORDERING INFORMATION
Order Code or Product Name
Package
Remark
ML66514-RB
5 V mask ROM version
ML66Q515-RB
80-pin plastic QFP
(QFP 80-P-1420-0.80-BK)
5 V flash ROM version
ML66517-GA
5 V mask ROM version
ML66Q517-GA
64-pin plastic SDIP
(SDIP 64-P-750-1.778)
MSM66517 flash ROM version


Similar Part No. - ML66517

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6651 MICRO-LINEAR-ML6651 Datasheet
198Kb / 10P
Auto-Negotiating Media Converter
ML6651CH MICRO-LINEAR-ML6651CH Datasheet
198Kb / 10P
Auto-Negotiating Media Converter
More results

Similar Description - ML66517

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com