| Electronic Components Datasheet Search |
|
ML66517 Datasheet(PDF) 11 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML66517 Datasheet(HTML) 11 Page - OKI electronic componets |
|
11 / 28 page ![]() PEDL66517-03 1Semiconductor ML66517 Family 11/28 ML66517/ML66Q517 Pin Descriptions (Continued) Description Function Symbol Type Primary function Type Secondary function P8_0/RXD1 I SIO1 receive data input pin P8_1/TXD1 O SIO1 transmit data output pin P8_2/RXC1 I/O SIO1 receive clock I/O pin P8_3/TXC1 I/O SIO1 transmit clock I/O pin P8_6/PWM2OUT O PWM2 output pin P8_7PWM3OUT I/O 6-bit I/O port Pull-up resistors can be specified for each individual bit O PWM3 output pin P10_7/TM5EVT I/O 1-bit I/O port Pull-up resistors can be specified I Timer 5 external event input pin P11_2/CLKOUT I/O 1-bit I/O port Pull-up resistors can be specified O Main clock pulse output pin P12_0/AI0 to P12_7/AI7 I 8-bit input port I A/D converter analog input port P15_0/RXD6 I SIO6 receive data input pin P15_1/TXD6 O SIO6 transmit data output pin P15_2/RXC6 I/O SIO6 receive clock I/O pin P15_3/TXC6 I/O 4-bit I/O port Pull-up resistors can be specified for each individual bit I/O SIO6 transmit clock I/O pin P16_0/PWMU O 3-phase PWMU output pin P16_1/PWMUB O 3-phase PWMUB output pin P16_2/PWMV O 3-phase PWMV output pin P16_3/PWMVB O 3-phase PWMVB output pin P16_4/PWMW O 3-phase PWMW output pin P16_5/PWMWB O 3-phase PWMWB output pin P16_6/ INACT I/O 7-bit I/O port Pull-up resistors can be specified for each individual bit I Abnormality detect input pin P17_0/CAPF0 I Capture 0 input pin P17_1/CAPF1 I Capture 1 input pin P17_2/CPCMF0 I/O Capture 0 input/compare 0 output pin Port P17_3/CPCMF1 I/O 4-bit I/O port Pull-up resistors can be specified for each individual bit I/O Capture 1 input/compare 1 output pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |