Electronic Components Datasheet Search
  English  ▼

X  

ML66517 Datasheet(PDF) 19 Page - OKI electronic componets

Part # ML66517
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66517 Datasheet(HTML) 19 Page - OKI electronic componets

Back Button ML66517 Datasheet HTML 15Page - OKI electronic componets ML66517 Datasheet HTML 16Page - OKI electronic componets ML66517 Datasheet HTML 17Page - OKI electronic componets ML66517 Datasheet HTML 18Page - OKI electronic componets ML66517 Datasheet HTML 19Page - OKI electronic componets ML66517 Datasheet HTML 20Page - OKI electronic componets ML66517 Datasheet HTML 21Page - OKI electronic componets ML66517 Datasheet HTML 22Page - OKI electronic componets ML66517 Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PEDL66517-03
1Semiconductor
ML66517 Family
19/28
AC Characteristics
(1) External program memory control
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Cycle time
t
cyc
f
OSC = 25 MHz
40
—
Clock pulse width (HIGH level)
tφWH
13
—
Clock pulse width (LOW level)
tφWL
13
—
ALE pulse width
t
AW
2t
φ – 10
—
PSEN pulse width
t
PW
2t
φ – 18
—
PSEN pulse delay time
t
PAD
t
φ – 5
—
Low address setup time
t
ALS
2t
φ – 15
—
Low address hold time
t
ALH
t
φ – 13
—
High address setup time
t
AHS
3t
φ – 30
—
High address hold time
t
AHH
–8
—
Instruction setup time
t
IS
30
—
Instruction hold time
t
IH
C
L = 50 pF
–8
t
φ – 3
ns
Note: t
φ = t
cyc/2
tcyc
tφWH
tφWL
tAW
tPAD
tPW
tALS
tALH
CPUCLK
ALE
PSEN
AD0 to AD7
A8 to A16
tIS
tAHS
tIH
tAHH
Bus timing during no wait cycle time
PC0 to 7
INST0 to 7
PC8 to 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com