Electronic Components Datasheet Search
  English  ▼

X  

S71GL032A Datasheet(PDF) 87 Page - SPANSION

Part # S71GL032A
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL032A Datasheet(HTML) 87 Page - SPANSION

Back Button S71GL032A Datasheet HTML 83Page - SPANSION S71GL032A Datasheet HTML 84Page - SPANSION S71GL032A Datasheet HTML 85Page - SPANSION S71GL032A Datasheet HTML 86Page - SPANSION S71GL032A Datasheet HTML 87Page - SPANSION S71GL032A Datasheet HTML 88Page - SPANSION S71GL032A Datasheet HTML 89Page - SPANSION S71GL032A Datasheet HTML 90Page - SPANSION S71GL032A Datasheet HTML 91Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
March 31, 2005 S71GL032A_00_A0
S71GL032A Based MCPs
87
Advance
Informatio n
Notes:
1. High-Z and Low-Z parameters are characterized and are not 100% tested.
2. The internal write time of the memory is defined by the overlap of WE#, CE#1 = VIL, CE2 = VIH, BHE and/or BLE =VIL. All
signals must be Active to initiate a write and any of these signals can terminate a write by going Inactive. The data input set-
up and hold timing should be referenced to the edge of the signal that terminates write.
3. Data I/O is high impedance if OE#
≥ VIH.
4. If Chip Enable goes Inactive simultaneously with WE# = High, the output remains in a high-impedance state.
5. During the Don’t Care period in the Data I/O waveform, the I/Os are in output state and input signals should not be applied.
Figure 29. Write Cycle 2 (CE#1 or CE2 Controlled)
t
HD
t
SD
tPWE
t
HA
t
AW
t
SCE
t
WC
t
HZOE
ADDRESS
CE2
DATA I/O DON’T CARE
t
BW
tSA
VALID DATA
CE#1
WE#
BHE#/BLE#
OE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com