Electronic Components Datasheet Search
  English  ▼

X  

S71GL032A Datasheet(PDF) 24 Page - SPANSION

Part # S71GL032A
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL032A Datasheet(HTML) 24 Page - SPANSION

Back Button S71GL032A Datasheet HTML 20Page - SPANSION S71GL032A Datasheet HTML 21Page - SPANSION S71GL032A Datasheet HTML 22Page - SPANSION S71GL032A Datasheet HTML 23Page - SPANSION S71GL032A Datasheet HTML 24Page - SPANSION S71GL032A Datasheet HTML 25Page - SPANSION S71GL032A Datasheet HTML 26Page - SPANSION S71GL032A Datasheet HTML 27Page - SPANSION S71GL032A Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
24
S71GL032A Based MCPs
S71GL032A_00_A0 March 31, 2005
Advance
Info rmation
the system. Refer to the “DC Characteristics” section on page 65 for the
automatic sleep mode current specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of resetting the device to reading
array data. When the RESET# pin is driven low for at least a period of tRP, the
device immediately terminates any operation in progress, tristates all output
pins, and ignores all read/write commands for the duration of the RESET# pulse.
The device also resets the internal state machine to reading array data. The op-
eration that was interrupted should be reinitiated once the device is ready to
accept another command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET# pulse. When RESET# is held
at VSS±0.3 V, the device draws CMOS standby current (ICC5). If RESET# is held
at VIL but not within VSS±0.3 V, the standby current will be greater.
The RESET# pin may be tied to the system reset circuitry. A system reset would
thus also reset the Flash memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
Refer to the AC Characteristics tables for RESET# parameters and to Figure 15
for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The output pins
are placed in the high impedance state.
Table 2. S29GL032M (Models R1, R2) Sector Addresses
A20-A15
Sector
Size
(KB/
Kwords)
16-bit
Address
Range
A20-A15
Sector
Size
(KB/
Kwords)
16-bit
Address
Range
SA0
000000
64/32
000000–007FFF
SA32
10000 0
64/32
100000–107FFF
SA1
000001
64/32
008000–00FFFF
SA33
10000 1
64/32
108000–10FFFF
SA2
000010
64/32
010000–017FFF
SA34
10001 0
64/32
110000–117FFF
SA3
000011
64/32
018000–01FFFF
SA35
10001 1
64/32
118000–11FFFF
SA4
000100
64/32
020000–027FFF
SA36
10010 0
64/32
120000–127FFF
SA5
000101
64/32
028000–02FFFF
SA37
10010 1
64/32
128000–12FFFF
SA6
000110
64/32
030000–037FFF
SA38
10011 0
64/32
130000–137FFF
SA7
000111
64/32
038000–03FFFF
SA39
10011 1
64/32
138000–13FFFF
SA8
001000
64/32
040000–047FFF
SA40
10100 0
64/32
140000–147FFF
SA9
001001
64/32
048000–04FFFF
SA41
10100 1
64/32
148000–14FFFF
SA10
001010
64/32
050000–057FFF
SA42
10101 0
64/32
150000–157FFF
SA11
001011
64/32
058000–05FFFF
SA43
10101 1
64/32
158000–15FFFF
SA12
001100
64/32
060000–067FFF
SA44
10110 0
64/32
160000–167FFF
SA13
001101
64/32
068000–06FFFF
SA45
10110 1
64/32
168000–16FFFF
SA14
001110
64/32
070000–077FFF
SA46
10111 0
64/32
170000–177FFF
SA15
001111
64/32
078000–07FFFF
SA47
10111 1
64/32
178000–17FFFF
SA16
010000
64/32
080000–087FFF
SA48
11000 0
64/32
180000–187FFF
SA17
010001
64/32
088000–08FFFF
SA49
11000 1
64/32
188000–18FFFF
SA18
010010
64/32
090000–097FFF
SA50
11001 0
64/32
190000–197FFF
SA19
010011
64/32
098000–09FFFF
SA51
11001 1
64/32
198000–19FFFF
SA20
010100
64/32
0A0000–0A7FFF
SA52
11010 0
64/32
1A0000–1A7FFF
SA21
010101
64/32
0A8000–0AFFFF
SA53
11010 1
64/32
1A8000–1AFFFF
SA22
010110
64/32
0B0000–0B7FFF
SA54
11011 0
64/32
1B0000–1B7FFF
SA23
010111
64/32
0B8000–0BFFFF
SA55
11011 1
64/32
1B8000–1BFFFF
SA24
011000
64/32
0C0000–0C7FFF
SA56
11100 0
64/32
1C0000–1C7FFF
SA25
011001
64/32
0C8000–0CFFFF
SA57
11100 1
64/32
1C8000–1CFFFF
SA26
011010
64/32
0D0000–0D7FFF
SA58
11101 0
64/32
1D0000–1D7FFF
SA27
011011
64/32
0D8000–0DFFFF
SA59
11101 1
64/32
1D8000–1DFFFF
SA28
011100
64/32
0E0000–0E7FFF
SA60
11110 0
64/32
1E0000–1E7FFF
SA29
011101
64/32
0E8000–0EFFFF
SA61
11110 1
64/32
1E8000–1EFFFF
SA30
011110
64/32
0F0000–0F7FFF
SA62
11111 0
64/32
1F0000–1F7FFF
SA31
011111
64/32
0F8000–0FFFFF
SA63
11111 1
64/32
1F8000–1FFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com