Electronic Components Datasheet Search
  English  ▼

X  

S71GL032A Datasheet(PDF) 23 Page - SPANSION

Part # S71GL032A
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL032A Datasheet(HTML) 23 Page - SPANSION

Back Button S71GL032A Datasheet HTML 19Page - SPANSION S71GL032A Datasheet HTML 20Page - SPANSION S71GL032A Datasheet HTML 21Page - SPANSION S71GL032A Datasheet HTML 22Page - SPANSION S71GL032A Datasheet HTML 23Page - SPANSION S71GL032A Datasheet HTML 24Page - SPANSION S71GL032A Datasheet HTML 25Page - SPANSION S71GL032A Datasheet HTML 26Page - SPANSION S71GL032A Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
March 31, 2005 S71GL032A_00_A0
S71GL032A Based MCPs
23
Advance
Informatio n
Write Buffer
Write Buffer Programming allows the system write to a maximum of 16 in one
programming operation. This results in faster effective programming time than
the standard programming algorithms. See “Write Buffer” for more information.
Accelerated Program Operation
The device offers accelerated program operations through the ACC function. This
is one of two functions provided by the WP#/ACC or ACC pin, depending on model
number. This function is primarily intended to allow faster manufacturing
throughput at the factory.
If the system asserts VHH on this pin, the device automatically enters the afore-
mentioned Unlock Bypass mode, temporarily unprotects any protected sector
groups, and uses the higher voltage on the pin to reduce the time required for
program operations. The system would use a two-cycle program command se-
quence as required by the Unlock Bypass mode. Removing VHH from the WP#/
ACC or ACC pin, depending on model number, returns the device to normal op-
eration. Note that the WP#/ACC or ACC pin must not be at VHH for operations
other than accelerated programming, or device damage may result. WP# has an
internal pullup; when unconnected, WP# is at VIH.
Autoselect Functions
If the system writes the autoselect command sequence, the device enters the au-
toselect mode. The system can then read autoselect codes from the internal
register (which is separate from the memory array) on DQ7–DQ0. Standard read
cycle timings apply in this mode. Refer to the “Autoselect Mode” section on page
31 and “Autoselect Command Sequence” section on page 45 sections for more
information.
Standby Mode
When the system is not reading or writing to the device, it can place the device
in the standby mode. In this mode, current consumption is greatly reduced, and
the outputs are placed in the high impedance state, independent of the OE#
input.
The device enters the CMOS standby mode when the CE# and RESET# pins are
both held at VIO ± 0.3 V. (Note that this is a more restricted voltage range than
VIH.) If CE# and RESET# are held at VIH, but not within VIO ± 0.3 V, the device
will be in the standby mode, but the standby current will be greater. The device
requires standard access time (tCE) for read access when the device is in either
of these standby modes, before it is ready to read data.
If the device is deselected during erasure or programming, the device draws ac-
tive current until the operation is completed.
Refer to the “DC Characteristics” section on page 65 for the standby current
specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The de-
vice automatically enables this mode when addresses remain stable for tACC +
30 ns. The automatic sleep mode is independent of the CE#, WE#, and OE# con-
trol signals. Standard address access timings provide new data when addresses
are changed. While in sleep mode, output data is latched and always available to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com