Electronic Components Datasheet Search
  English  ▼

X  

S71GL032A Datasheet(PDF) 90 Page - SPANSION

Part # S71GL032A
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL032A Datasheet(HTML) 90 Page - SPANSION

Back Button S71GL032A Datasheet HTML 86Page - SPANSION S71GL032A Datasheet HTML 87Page - SPANSION S71GL032A Datasheet HTML 88Page - SPANSION S71GL032A Datasheet HTML 89Page - SPANSION S71GL032A Datasheet HTML 90Page - SPANSION S71GL032A Datasheet HTML 91Page - SPANSION S71GL032A Datasheet HTML 92Page - SPANSION S71GL032A Datasheet HTML 93Page - SPANSION S71GL032A Datasheet HTML 94Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
90
S71GL032A Based MCPs
S71GL032A_00_A0 March 31, 2005
Advance
Info rmation
Type 1 SRAM
4/8 Megabit CMOS SRAM
Common Features
Process Technology: Full CMOS
Power Supply Voltage: 2.7~3.3V
Three state outputs
Notes:
1. UB#, LB# swapping is available only at x16. x8 or x16 select by BYTE# pin.
Pin Description
Version
Density
Organization
(ISB1, Max.)
Standby
(ICC2, Max.)
Operating
Mode
F
4Mb
x8 or x16 (note 1)
10 µA
22 mA
Dual CS, UB# / LB# (tCS)
G
4Mb
x8 or x16 (note 1)
10 µA
22 mA
Dual CS, UB# / LB# (tCS)
C
8Mb
x8 or x16 (note 1)
15 µA
22 mA
Dual CS, UB# / LB# (tCS)
D
8Mb
X16
TBD
TBD
Dual CS, UB# / LB# (tCS)
Pin Name
Description
I/O
CS1#, CS2
Chip Selects
I
OE#
Output Enable
I
WE#
Write Enable
I
BYTE#
Word (VCC)/Byte (VSS) Select
I
A0~A17 (4M)
A0~A18 (8M)
Address Inputs
I
SA
Address Input for Byte Mode
I
I/O0~I/O15
Data Inputs/Outputs
I/O
VCC
Power Supply
-
VSS
Ground
-
DNU
Do Not Use
-
NC
No Connection
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com