Electronic Components Datasheet Search
  English  ▼

X  

S71GL032A Datasheet(PDF) 97 Page - SPANSION

Part # S71GL032A
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL032A Datasheet(HTML) 97 Page - SPANSION

Back Button S71GL032A Datasheet HTML 93Page - SPANSION S71GL032A Datasheet HTML 94Page - SPANSION S71GL032A Datasheet HTML 95Page - SPANSION S71GL032A Datasheet HTML 96Page - SPANSION S71GL032A Datasheet HTML 97Page - SPANSION S71GL032A Datasheet HTML 98Page - SPANSION S71GL032A Datasheet HTML 99Page - SPANSION S71GL032A Datasheet HTML 100Page - SPANSION S71GL032A Datasheet HTML 101Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
March 31, 2005 S71GL032A_00_A0
S71GL032A Based MCPs
97
Advance
Informatio n
Data Retention Characteristics (4M Version F)
Notes:
1. CS1 controlled:CS1#
≥ VCC-0.2V. CS2 controlled: CS2 ≤ 0.2V.
2. Typical values are not 100% tested.
Write cycle time
tWC
70
-
ns
Chip select to end of write
tCW
60
-
ns
Address set-up time
tAS
0
-
ns
Address valid to end of write
tAW
60
-
ns
LB#, UB# valid to end of write
tBW
60
-
ns
Write pulse width
tWP
50
-
ns
Write recovery time
tWR
0
-
ns
Write to output high-Z
tWHZ
0
20
ns
Data to write time overlap
tDW
30
-
ns
Data hold from write time
tDH
0
-
ns
End write to output low-Z
tOW
5
-
ns
Item
Symbol
Test Condition
Min
Typ
Max Unit
VCC for data retention
VDR
CS1# ≥ VCC-0.2V (Note 1), VIN ≥ 0V. BYTE# = VSS or VCC 1.5
-
3.3
V
Data retention current
IDR
VCC=3.0V, CS1# ≥ VCC-0.2V (Note 1), VIN ≥ 0V
-
1.0
(Note 2)
10
µA
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ns
Recovery time
tRDR
tRC
-
-
Parameter List
Symbol
Speed Bins
Units
70ns
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com