Electronic Components Datasheet Search
  English  ▼

X  

S71GL032A Datasheet(PDF) 101 Page - SPANSION

Part # S71GL032A
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL032A Datasheet(HTML) 101 Page - SPANSION

Back Button S71GL032A Datasheet HTML 94Page - SPANSION S71GL032A Datasheet HTML 95Page - SPANSION S71GL032A Datasheet HTML 96Page - SPANSION S71GL032A Datasheet HTML 97Page - SPANSION S71GL032A Datasheet HTML 98Page - SPANSION S71GL032A Datasheet HTML 99Page - SPANSION S71GL032A Datasheet HTML 100Page - SPANSION S71GL032A Datasheet HTML 101Page - SPANSION S71GL032A Datasheet HTML 102Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
March 31, 2005 S71GL032A_00_A0
S71GL032A Based MCPs
101
Advance
Informatio n
Figure 38. Data Retention Waveform
tSDR
tRDR
tSDR
tRDR
VCC
2.7V
2.2V
VDR
CS1#
GND
CS1# Controlled
CS2 Controlled
VCC
2.7V
VDR
0.4V
GND
CS2
CS1# VCC - 0.2V
Data Retention Mode
Data Retention Mode
CS2 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com