Electronic Components Datasheet Search
  English  ▼

X  

TUSB5052 Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 42Page - Texas Instruments TUSB5052 Datasheet HTML 43Page - Texas Instruments TUSB5052 Datasheet HTML 44Page - Texas Instruments TUSB5052 Datasheet HTML 45Page - Texas Instruments TUSB5052 Datasheet HTML 46Page - Texas Instruments TUSB5052 Datasheet HTML 47Page - Texas Instruments TUSB5052 Datasheet HTML 48Page - Texas Instruments TUSB5052 Datasheet HTML 49Page - Texas Instruments TUSB5052 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
6–6
6.1.5
DMACDR5: DMA-5 Channel Definition Register (P-Port Channel)
This register is used to define the EDB number that the DMA used for data transfer to/from the P-port. In addition,
this register defines the data transfer mode and selects X or Y as the transaction buffer. Note: the transfer direction
is defined by the DIR bit in the PPMCR register.
EN
INE
CNT
XYI
XYO
E2
E1
E0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
2–0
E[2:0]
0
End-point descriptor pointer. This field points to a set of EDB registers that is to be used for a given transfer.
3
XYO
0
X/Y- Output buffer select bit
XYO = 0 Next output-buffer to transmit/receive is X.
XYO = 1 Next output-buffer to transmit/receive is Y.
4
XYI
0
X/Y- Input buffer sselect bit
XYI = 0
Next input-buffer to transmit/receive is X.
XYI = 1
Next input-buffer to transmit/receive is Y.
5
CNT
0
DMA Continuous transfer control bit. This bit defines the mode of the DMA transfer.
CNT = 0
Burst Mode: DMA stops the transfer when the byte-count is zero or when a transfer error occurs. At the
end of transfer, the high to low transition of EN interrupts the MCU (if enabled). In this mode, the XY bit is
set by the MCU to define the current buffer (X or Y).
CNT = 1
Continuous Mode: In this mode, the DMA and UBM alternate between the X and Y buffers. The UBM
sets the XY bit and the DMA uses it for the transfer. DMA alternates between X/Y-buffers and continues
receiving (to X/Y buffer) without MCU intervention. DMA updates the byte-count and sets the NAK-bit in
EDB at the end of packet transfer. When the DMA is stopped by a transaction-timeout (or error condition),
the DMA updates the byte-count and NAK-bit in EDB, and interrupts the MCU (via EN = 0). The UBM
transfers the partial packet to host.
6
INE
0
DMA Interrupt enable/disable bit. This bit is used to enable/disable the interrupt on transfer completion.
INE = 0
Interrupt is disabled.
INE = 1
Enables the EN interrupt. When this bit is set, the DMA interrupts the MCU on a 1 to 0 transition of EN-bit.
(When transfer is completed, EN =0)
7
EN
0
DMA channel enable. The MCU sets this bit to start the DMA transfer. When transfer completes, or when terminated
due to error, this bit is cleared. The 1 to 0 transition of this bit generates an interrupt (if interrupt is enabled) .
EN = 0
DMA is halted. 1 to 0 transition interrupts the MCU (if INE = 1).
EN = 1
Setting this bit starts the DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com