Electronic Components Datasheet Search
  English  ▼

X  

TUSB5052 Datasheet(PDF) 57 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 53Page - Texas Instruments TUSB5052 Datasheet HTML 54Page - Texas Instruments TUSB5052 Datasheet HTML 55Page - Texas Instruments TUSB5052 Datasheet HTML 56Page - Texas Instruments TUSB5052 Datasheet HTML 57Page - Texas Instruments TUSB5052 Datasheet HTML 58Page - Texas Instruments TUSB5052 Datasheet HTML 59Page - Texas Instruments TUSB5052 Datasheet HTML 60Page - Texas Instruments TUSB5052 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
7–9
7.1.12 XON[2-1]: Xon Register (2 Registers)
These registers contain a value that is compared to the received data stream. Detection of a match interrupts the MCU
(only if the interrupt enable bit is set). This value is also used for Xon transmission.
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
0000
Xon value to be compared to the incoming data stream.
7.1.13 XOFF[2-1]: Xoff Register (2 Registers)
These registers contain a value that is compared to the received data stream. Detection of a match halts the DMA
transfer, and interrupts the MCU (only if the interrupt enable bit is set). This value is also used for Xoff transmission.
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
0000
Xon value to be compared to the incoming data stream.
7.1.14 MASK[2-1]: UART Interrupt-Mask Register (2 Registers)
These registers control the UARTs interrupt sources.
RSV
RSV
RSV
RSV
RSV
TRIE
SIE
MIE
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/O
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
MIE
0
This bit controls the UART-modem interrupt.
MIE = 0
Modem-interrupt is disabled.
MIE = 1
Modem-interrupt is enabled.
1
SIE
0
This bit controls the UART-status interrupt.
SIE = 0
Status-interrupt is disabled.
SIE = 1
Status-interrupt is enabled.
2
TRIE
0
This bit controls the UART-TxE/RxF interrupts.
TRIE = 0 TxE/RxF interrupts are disabled.
TRIE = 1 TxE/RxF interrupts are enabled.
7–3
RSV
0
Reserved = 0
7.2
UARTs Data Transfer
Figure 7–2 illustrates the data transfer between the UARTs and the host using the DMA controller and the USB buffer
manager (UBM). A buffer of 512 bytes is reserved for buffering all UART channels (2 transmit and 2 receive buffers).
Each UART channel has 64-bytes of double-buffer space (X- and Y-buffer). When the DMA writes to the X-buffer,
the UBM reads from the Y-buffer. Similarly, when the DMA reads from the X-buffer, the UBM writes to the Y-buffer.
The DMA channel is configured to operate in the continuous mode (by setting DMACDR[CNT] = 1). Once the MCU
enables the DMA, data transfer toggles between the UMB and the DMA without MCU intervention. See section 6.2
for DMA transfer-termination condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com