Electronic Components Datasheet Search
  English  ▼

X  

TUSB5052 Datasheet(PDF) 61 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 57Page - Texas Instruments TUSB5052 Datasheet HTML 58Page - Texas Instruments TUSB5052 Datasheet HTML 59Page - Texas Instruments TUSB5052 Datasheet HTML 60Page - Texas Instruments TUSB5052 Datasheet HTML 61Page - Texas Instruments TUSB5052 Datasheet HTML 62Page - Texas Instruments TUSB5052 Datasheet HTML 63Page - Texas Instruments TUSB5052 Datasheet HTML 64Page - Texas Instruments TUSB5052 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
8–1
8 IEEE 1284 Parallel-Post
8.1
1284 Registers
Table 8-2 is a summary of the parallel-port modes of operations, and Figure 8–1 illustrates the data flow for output
and input transfers. A single PPDAT register is shared for output and input transfers; the RxF/TxE signal is used for
flow control. Table 8–1 summarizes the registers provided for configuration, status monitoring, and data I/O.
Table 8–3 summarizes the port signal definition.
Table 8–1. Parallel Port Registers
REGISTER NAME
ACCESS
MODE
FUNCTION
PPMCR
R/W
All
Mode control register
PPIMSK
R/W
All
Interrupt mask register
PPSTA
R/W
All
Status register
PPCTL
R/W
All
Control register
PPDAT
R/W
All
Data register
PPADR
R/W
2,3
EPP/ECP address register
Table 8–2. Parallel Port Mode Summary
MODE
DESCRIPTION
OUTPUTS
00
Centronics mode: In this mode, the port direction is output only, and the DIR bit has no effect. The MCU writes data to
PPDAT and the control signals are generated by the MCU.
See Note 2
01
SPP mode (bidirectional auto Centronics
t): This is the bidirectional Centronics mode. In this mode, the port
direction can be changed by the DIR bit. The MCU or DMA writes data to PPDAT and the control signals are generated
automatically. This mode can support nibble operation.
See Note 2
10
ECP mode: In the output direction (DIR = 0) data written to PPADR and to PPDAT are transmitted automatically using
the ECP protocol. In the input direction (DIR = 1), data bytes are transferred from the peripheral and placed in the
PPDAT register. CPU or DMA transfer is supported.
See Note 1
11
EPP mode: In the output direction (DIR = 0) data written to PPADR and to PPDAT are transmitted automatically using
the EPP protocol. In the input direction (DIR = 1), data bytes are transferred from the peripheral and placed in the
PPDAT register. CPU or DMA transfer is supported.
See Note 1
NOTES:
1. 3-state CMOS output
±14-mA drive/sink (control signals only)
2. Open-drain output –14-mA sink (control signals only)
PPDAT
PPDAT
TxE
RxF
DIR
PD (0–7)
Figure 8–1. P-Port Data I/O Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com