Electronic Components Datasheet Search
  English  ▼

X  

TUSB5052 Datasheet(PDF) 62 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 58Page - Texas Instruments TUSB5052 Datasheet HTML 59Page - Texas Instruments TUSB5052 Datasheet HTML 60Page - Texas Instruments TUSB5052 Datasheet HTML 61Page - Texas Instruments TUSB5052 Datasheet HTML 62Page - Texas Instruments TUSB5052 Datasheet HTML 63Page - Texas Instruments TUSB5052 Datasheet HTML 64Page - Texas Instruments TUSB5052 Datasheet HTML 65Page - Texas Instruments TUSB5052 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
8–2
Table 8–3. Parallel Port Signal Definition Summary
DRIVEN BY
SPP
EPP
ECP
I/O
PD[7:0]
PD[7:0]
PD[7:0]
TUSB5152
SLIN
ASTRB
SLIN
TUSB5152
STB
WRITE
HOSTCLK
TUSB5152
AFD
DSTRB
HOSTACK
TUSB5152
INIT
INIT
REVREQ
Peripheral
ACK
INTR
PERIPCLK
Peripheral
FALT
User Defined
PERIPREQ
Peripheral
SLCT
User Defined
User Defined
Peripheral
PER
User Defined
MPRIPREQ
Peripheral
BUSY
WAIT*
PERIPHACK
8.1.1
PPCNT: P-Port Counter Register
As a delay counter, this register records the time delay in 40 ns increments between assertion of the BUSY signal
and assertion of the STB signal. The same counter is also used for the STB pulse width.
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
12h
Delay and pulse counter for STB signal in 40ns increment.
8.1.2
PPMCR: P-Port Mode Control Register
This register is used to configure the port mode of operation. In addition, it provides bits that control the transfer
direction.
PEN
RSV
RSV
RSV
DIR
NBL
M1
M0
7
6
5
4
32
10
R/W
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
1–0
M[1:0]
00b
Port mode definition. This field defines the P-port mode of operation (see Table 8–2 for more details).
[]
00 =
Centronics mode. DIR bit has no effect. All control signals are generated by the MCU.
01 =
SPP mode: Bidirectional auto Centronics mode
10 =
EPP mode
11 =
ECP mode
2
NBL
0
Nibble mode control bit. This bit is valid only in SPP mode.
NBL = 0 SPP is in byte mode.
NBL = 1 SPP is in nibble mode.
3
DIR
0
Transfer direction bit. Valid for modes 1 to 3.
DIR = 0
The PPDAT drives PD[7:0] data bus (transmitter).
DIR = 1
PD[7:0] data bus is input to PPDAT register (receiver).
6–4
RSV
0
Reserved = 0
7
PEN
0
PP enable bit. This bit is used by the MCU to enable/disable the P-port data transfer in all modes.
PEN = 0 The PP is disabled. Data transfer (via DMA or MCU) cannot take place. To terminate PP transfers, the
MCU must clear this bit.
PEN = 1 The PP is enabled and data transfer (via DMA or MCU) can take place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com