Electronic Components Datasheet Search
  English  ▼

X  

TUSB5052 Datasheet(PDF) 47 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 43Page - Texas Instruments TUSB5052 Datasheet HTML 44Page - Texas Instruments TUSB5052 Datasheet HTML 45Page - Texas Instruments TUSB5052 Datasheet HTML 46Page - Texas Instruments TUSB5052 Datasheet HTML 47Page - Texas Instruments TUSB5052 Datasheet HTML 48Page - Texas Instruments TUSB5052 Datasheet HTML 49Page - Texas Instruments TUSB5052 Datasheet HTML 50Page - Texas Instruments TUSB5052 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
6–7
6.1.6
DMACSR5: DMA-5 Control and Status Register (P-Port Channel)
This register is used to define the transaction time-out value. In addition, it contains a completion code that reports
any errors or a time-out condition.
TEN
C4
C3
C2
C1
C0
TXFT
PPKT
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/C
R/C
BIT
NAME
RESET
FUNCTION
0
PPKT
0
Partial packet condition bit. This bit is set by the DMA and cleared by the MCU (see Table 6–2).
PPKT = 0
No partial-packet condition
PPKT = 1
Partial-packet condition detected. Clears when MCU writes a 1. Writing a 0 has no effect.
1
TXFT
0
Transfer Timeout Condition Bit (see Table 6–2 and Table 6–3)
TXFT = 0
DMA stopped transfer without time-out
TXFT = 1
DMA stopped due to transaction time-out. Clears when MCU writes a 1. Writing a 0 has no effect.
6-2
C[4:0]
0000b
This field is used to define the transaction time-out value in 1ms increments. This value is loaded to a down
counter every time a byte transfer occurs. The down counter is decremented every SOF pulse (1 ms). If the
counter decrements to zero it sets TXFT = 1 (in DMACSR register) and halts the DMA transfer.
• For OUT transaction: The counter starts counting only when TEN = 1 and EN = 1 (in DMACDR) and the first
byte has been transmitted by the DMA.
• For IN transaction: The counter starts counting only when TEN = 1 and EN = 1 (in DMACDR) and the first byte
has been received by DMA (see Figure 6–1).
00000 = 0 ms time-out
:
:
11111 = 31 ms time-out
7
TEN
0
Transaction timeout counter enable/disable bit
TEN = 0 Counter is disabled (does
not time out).
TEN = 1 Counter is enabled.
6.2
Bulk Data I/O Using the EDB
The UBM (USB buffer manager) and the DMAC (DMA controller) access the EDB to fetch buffer parameters for IN
and OUT transactions (IN and OUT are with respect to host). In this discussion, it is assumed that (a) the MCU
initialized the EDBs, (b) DMA-continuous mode is being used, (c) double buffering is being used, and (d) the X/Y
toggle is controlled by the UBM.
NOTE:The IN and OUT transfers apply to UART and P-port transactions (SPP, EPP and ECP
modes).
IN Transaction (TUSB5152 to Host):
1.
MCU initializes the IEDB (64-byte packet, and double-buffering is used) and the following DMA registers:
•
DMACSR: Defines the transaction time-out value.
•
DMACDR: Defines the IEDB being used and the DMA mode of operation (continuous-mode). Once this
register is set with EN = 1, the transfer starts.
2.
DMA transfers data from a device (UART or P-port) to the X-buffer. When a block of 64-bytes is transferred,
the DMA updates the byte-count and sets NAK = 0 in IEDB (indicating to the UBM that the X-buffer is ready
to be transferred to host). The UBM starts X-buffer transfer to host using the byte-count value in IEDB and
toggles the X/Y-bit. The DMA continues transferring data from a device to Y-buffer. At the end of the block
transfer, the DMA updates the byte-count and sets NAK = 0 in IEDB (indicating to the UBM that the Y-buffer
is ready to be transferred to host). The DMA continues the transfer from the device to host, alternating
between X and Y buffers without MCU intervention.
3.
Transfer termination: As mentioned, the DMA/UBM continues the data transfer, alternating between the X
and Y buffers. Termination of the transfer can happen under the following conditions:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com