Electronic Components Datasheet Search
  English  ▼

X  

AD8315ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 4 Page - Analog Devices

  AD8315ARM Datasheet HTML 1Page - Analog Devices AD8315ARM Datasheet HTML 2Page - Analog Devices AD8315ARM Datasheet HTML 3Page - Analog Devices AD8315ARM Datasheet HTML 4Page - Analog Devices AD8315ARM Datasheet HTML 5Page - Analog Devices AD8315ARM Datasheet HTML 6Page - Analog Devices AD8315ARM Datasheet HTML 7Page - Analog Devices AD8315ARM Datasheet HTML 8Page - Analog Devices AD8315ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. B
AD8315
–4–
–Typical Performance Characteristics
VSET – V
0.2
0
–10
–20
–30
–40
–50
–60
–70
–80
0.4
0.6
0.8
1.0
1.2
1.4
0.1GHz
0.9GHz
1.9GHz
2.5GHz
23
13
3
–7
–17
–27
–37
–47
–57
–67
1
TPC 1. Input Amplitude vs. VSET
VSET – V
0.1
10
0
–10
–20
–30
–40
–50
–60
–70
0.3
0.5
0.7
0.9
1.1
1.3
1.5
4
3
2
1
0
–1
–2
–3
–4
–30 C
+85 C
+25 C
–30 C
+25 C
+85 C
(+3dBm)
(–47dBm)
ERROR AT +85 C AND –30 C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25 C
TPC 2. Input Amplitude and Log Conformance vs. VSET at
0.1 GHz
VSET – V
0.1
10
0
–10
–20
–30
–40
–50
–60
–70
0.3
0.5
0.7
0.9
1.1
1.3
1.5
4
3
2
1
0
–1
–2
–3
–4
–30 C
+85 C
+25 C
–30 C
+25 C
+85 C
(+3dBm)
(–47dBm)
ERROR AT +85 C AND –30 C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25 C
TPC 3. Input Amplitude and Log Conformance vs. VSET at
0.9 GHz
VSET – V
0.2
4
3
2
1
0
–1
–2
–3
–4
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1GHz
0.9GHz
1.9GHz
2.5GHz
TPC 4. Log Conformance vs. VSET
VSET – V
0.1
10
0
–10
–20
–30
–40
–50
–60
–70
0.3
0.5
0.7
0.9
1.1
1.3
1.5
4
3
2
1
0
–1
–2
–3
–4
–30 C
+85 C
+25 C
+25 C
+85 C
–30 C
(+3dBm)
(–47dBm)
ERROR AT +85 C AND –30 C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25 C
TPC 5. Input Amplitude and Log Conformance vs. VSET at
1.9 GHz
VSET – V
0.1
10
0
–10
–20
–30
–40
–50
–60
–70
0.3
0.5
0.7
0.9
1.1
1.3
1.5
4
3
2
1
0
–1
–2
–3
–4
–30 C
+85 C
+25 C
–30 C
+85 C
+25 C
(+3dBm)
(–47dBm)
ERROR AT +85 C AND –30 C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25 C
TPC 6. Input Amplitude and Log Conformance vs. VSET at
2.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com