Electronic Components Datasheet Search
  English  ▼

X  

AD8315ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8315ARM Datasheet HTML 11Page - Analog Devices AD8315ARM Datasheet HTML 12Page - Analog Devices AD8315ARM Datasheet HTML 13Page - Analog Devices AD8315ARM Datasheet HTML 14Page - Analog Devices AD8315ARM Datasheet HTML 15Page - Analog Devices AD8315ARM Datasheet HTML 16Page - Analog Devices AD8315ARM Datasheet HTML 17Page - Analog Devices AD8315ARM Datasheet HTML 18Page - Analog Devices AD8315ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. B
AD8315
–15–
Using the Chip Scale Package
On the underside of the chip scale package, there is an exposed
paddle. This paddle is internally connected to the chip’s ground.
There is no thermal requirement to solder the paddle down to the
printed circuit board’s ground plane. However, soldering down
the paddle has been shown to increase the stability over frequency
of the AD8315 ACP’s response at low input power levels (i.e., at
around –45 dBm) in the DCS and PCS bands.
Evaluation Board
Figure 11 shows the schematic of the AD8315 MSOP evaluation
board. The layout and silkscreen of the component side are
shown in Figures 12 and 13. An evaluation board is also available
for the LFCSP package (for exact part numbers, see Ordering
Guide). Apart from the slightly smaller device footprint, the
LFCSP evaluation board is identical to the MSOP board. The
board is powered by a single supply in the range, 2.7 V to 5.5 V.
The power supply is decoupled by a single 0.1
F capacitor.
Table II details the various configuration options of the
evaluation board.
VPOS
R3
J2
VAPC
R4
(OPEN)
C2
(OPEN)
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
R2
52.3
C4
(OPEN)
C1
0.1 F
R1
J1
LK2
LK1
VPOS
SW1
RFIN
J3
VSET
AD8031
VPOS
R7
C3
0.1 F
R8
10k
C5
0.1 F
R6
R5
0
0
16.2k
17.8k
10k
TP1
TP2
Figure 11. Evaluation Board Schematic
Table II. Evaluation Board Configuration Options
Component
Function
Default Condition
TP1, TP2
Supply and Ground Vector Pins
Not Applicable
SW1
Device Enable: When in Position A, the ENBL pin is connected to VPOS and
SW1 = A
the AD8315 is in operating mode. In Position B, the ENBL pin is grounded
putting the device in power-down mode.
R1, R2
Input Interface: The 52.3
W resistor in Position R2 combines with the
R2 = 52.3
W (Size 0603)
AD8315’s internal input impedance to give a broadband input impedance
R1 = 0
W (Size 0402)
of around 50
W. A reactive match can be implemented by replacing R2 with
an inductor and R1 (0
W) with a capacitor. Note that the AD8315’s RF input
is internally ac-coupled.
R3, R4, C2
Output Interface: R4 and C2 can be used to check the response of VAPC to
R4 = C2 = Open (Size 0603)
capacitive and resistive loading. R3/R4 can be used to reduce the slope of VAPC.R3 = 0
W (Size 0603)
C1
Power Supply Decoupling: The nominal supply decoupling consists of a
C1 = 0.1
mF (Size 0603)
0.1
mF capacitor.
C4
Filter Capacitor: The response time of VAPC can be modified by placing a
C4 = Open (Size 0603)
capacitor between FLTR (Pin 4) and ground.
LK1, LK2
Measurement Mode: A quasi-measurement mode can be implemented by
LK1, LK2 = Installed
installing LK1 and LK2 (connecting an inverted VAPC to VSET) to yield the
nominal relationship between RFIN and VSET. In this mode, a large capacitor
(0.01
mF or greater) must be installed in C4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com