Electronic Components Datasheet Search
  English  ▼

X  

AD8315ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8315ARM Datasheet HTML 3Page - Analog Devices AD8315ARM Datasheet HTML 4Page - Analog Devices AD8315ARM Datasheet HTML 5Page - Analog Devices AD8315ARM Datasheet HTML 6Page - Analog Devices AD8315ARM Datasheet HTML 7Page - Analog Devices AD8315ARM Datasheet HTML 8Page - Analog Devices AD8315ARM Datasheet HTML 9Page - Analog Devices AD8315ARM Datasheet HTML 10Page - Analog Devices AD8315ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. B
AD8315
–7–
SUPPLY VOLTAGE – V
3.5
2.7
3.3
3.1
2.9
2.7
2.5
2.3
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
4mA
6mA
0mA
2mA
TPC 19. Maximum VAPC Voltage vs. Supply Voltage by
Load Current
AVERAGE = 16 SAMPLES
200mV PER VERTICAL
DIVISION
VAPC
VENBL
2 s PER
HORIZONTAL
DIVISION
1V PER
VERTICAL
DIVISION
GND
GND
TPC 20. ENBL Response Time
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
220pF
2.7V
52.3
0.1 F
TEK P6205
FET PROBE
TEK TDS694C
SCOPE
TEK P6205
FET PROBE
TRIG
STANFORD DS345
PULSE
GENERATOR
PULSE OUT
TRIG
OUT
RF OUT
10MHz REF
OUTPUT
TIMEBASE
R AND S
SMT03
SIGNAL
GENERATOR
TPC 21. Test Setup for ENBL Response Time
SUPPLY VOLTAGE – V
2.8
2.7
2.7
2.6
2.5
2.4
2.8
3.0
SHADING INDICATES
3 SIGMA
2.9
TPC 22. Maximum VAPC Voltage vs. Supply Voltage with
4 mA Load Current
100ns PER
HORIZONTAL
DIVISION
AVERAGE = 16 SAMPLES
VAPC
PULSED RF
0.1GHz, –13dBV
1V PER
VERTICAL
DIVISION
RF
INPUT
GND
GND
TPC 23. VAPC Response Time, Full-Scale Amplitude
Change, Open-Loop
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
2.7V
0.1 F
TEK P6205
FET PROBE
TEK TDS694C
SCOPE
TRIG
PICOSECOND
PULSE LABS
PULSE
GENERATOR
PULSE OUT
TRIG
OUT
R AND S SMT03
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
10MHz REF
OUTPUT
EXT TRIG
NC
PULSE MODE IN
OUT
52.3
RF OUT
–3dB
–3dB
2.7V
0.3V
RF
SPLITTER
TPC 24. Test Setup for VAPC Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com