Electronic Components Datasheet Search
  English  ▼

X  

AD8315ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 3 Page - Analog Devices

  AD8315ARM Datasheet HTML 1Page - Analog Devices AD8315ARM Datasheet HTML 2Page - Analog Devices AD8315ARM Datasheet HTML 3Page - Analog Devices AD8315ARM Datasheet HTML 4Page - Analog Devices AD8315ARM Datasheet HTML 5Page - Analog Devices AD8315ARM Datasheet HTML 6Page - Analog Devices AD8315ARM Datasheet HTML 7Page - Analog Devices AD8315ARM Datasheet HTML 8Page - Analog Devices AD8315ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. B
AD8315
–3–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VPOS . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Temporary Overvoltage VPOS
(100 cycles, 2 seconds duration, ENBL Low) . . . . . . . 6.3 V
VAPC, VSET, ENBL . . . . . . . . . . . . . . . . . . . . . . 0 V, VPOS
RFIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 dBm
Equivalent Voltage . . . . . . . . . . . . . . . . . . . . . . . . 1.6 V rms
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 60 mW
qJA (MSOP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200∞C/W
qJA (LFCSP, Paddle Soldered) . . . . . . . . . . . . . . . . . . 80∞C/W
qJA (LFCSP, Paddle not Soldered) . . . . . . . . . . . . . 200∞C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
∞C
Operating Temperature Range . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (Soldering 60 sec)
MSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
∞C
LFCSP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1
RFIN
RF Input
2
ENBL
Connect to VPOS for Normal Operation
Connect pin to ground for Disable Mode
3
VSET
Setpoint Input. Nominal input range
0.25 V to 1.4 V.
4
FLTR
Integrator Capacitor. Connect between
FLTR and COMM.
5
COMM
Device Common (Ground)
6NCNo Connection
7
VAPC
Output. Control voltage for gain control
element.
8
VPOS
Positive Supply Voltage: 2.7 V to 5.5 V
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Option
Branding Information
AD8315ARM
–30
∞C to +85∞CTube, 8-Lead MSOP
RM-8
J7A
AD8315ARM-REEL
13" Tape and Reel
AD8315ARM-REEL7
7" Tape and Reel
AD8315-EVAL
MSOP Evaluation Board
AD8315ACP-REEL
–30
∞C to +85∞C
13" Tape and Reel,
CP-8
J7A
8-Lead LFCSP
AD8315ACP-REEL7
7" Tape and Reel
AD8315ACP-EVAL
LFCSP Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8315 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Table I. Typical Specifications at Selected Frequencies at 25 C (Mean and Sigma)
1 dB Dynamic Range
Slope – mV/dB
Intercept – dBV
Low Point – dBV
High Point – dBV
Frequency – GHz
Mean
Sigma
Mean
Sigma
Mean
Sigma
Mean
Sigma
0.1
23.8
0.3
–70.1
1.8
–57.7
1.3
–10.6
0.8
0.9
23.2
0.4
–72.6
1.8
–61.0
1.3
–11.2
0.8
1.9
22.2
0.3
–73.8
1.6
–62.9
0.9
–18.5
1.7
2.5
22.3
0.4
–75.6
1.5
–64.0
1.1
–20.0
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com