Electronic Components Datasheet Search
  English  ▼

X  

AD8315ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 1 Page - Analog Devices

  AD8315ARM Datasheet HTML 1Page - Analog Devices AD8315ARM Datasheet HTML 2Page - Analog Devices AD8315ARM Datasheet HTML 3Page - Analog Devices AD8315ARM Datasheet HTML 4Page - Analog Devices AD8315ARM Datasheet HTML 5Page - Analog Devices AD8315ARM Datasheet HTML 6Page - Analog Devices AD8315ARM Datasheet HTML 7Page - Analog Devices AD8315ARM Datasheet HTML 8Page - Analog Devices AD8315ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
AD8315
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
50 dB GSM PA Controller
FUNCTIONAL BLOCK DIAGRAM
10dB
OFFSET
COMP’N
INTERCEPT
POSITIONING
10dB
10dB
10dB
DET
DET
DET
DET
DET
RFIN
1.35
HI-Z
LOW NOISE (25nV/ Hz)
RAIL-TO-RAIL BUFFER
V-I
VSET
23mV/dB
250mV to
1.4V = 50dB
FLTR
VAPC
OUTPUT
ENABLE
DELAY
LOW NOISE
BAND GAP
REFERENCE
LOW NOISE
GAIN BIAS
COMM
VPOS
ENBL
FEATURES
Complete RF Detector/Controller Function
>50 dB Range at 0.9 GHz (–49 dBm to +2 dBm re 50
)
Accurate Scaling from 0.1 GHz to 2.5 GHz
Temperature-Stable Linear-in-dB Response
Log Slope of 23 mV/dB, Intercept at –60 dBm at 0.9 GHz
True Integration Function in Control Loop
Low Power: 20 mW at 2.7 V, 38 mW at 5 V
Power Down to 10.8
W
APPLICATIONS
Single, Dual, and Triple Band Mobile Handset
(GSM, DCS, EDGE)
Transmitter Power Control
PRODUCT DESCRIPTION
The AD8315 is a complete low cost subsystem for the precise
control of RF power amplifiers operating in the frequency range
0.1 GHz–2.5 GHz and over a typical dynamic range of 50 dB. It is
intended for use in cellular handsets and other battery-operated
wireless devices. The log amp technique provides a much wider
measurement range and better accuracy than controllers using
diode detectors. In particular, its temperature stability is excellent
over a specified range of –30
∞C to +85∞C.
Its high sensitivity allows control at low signal levels, thus reduc-
ing the amount of power that needs to be coupled to the detector.
For convenience, the signal is internally ac-coupled. This
high-pass coupling, with a corner at approximately 0.016 GHz,
determines the lowest operating frequency. Thus, the source
may be dc grounded.
The AD8315 provides a voltage output, VAPC, that has the
voltage range and current drive to directly connect to most hand-
set power amplifiers’ gain control pin. VAPC can swing from 250
mV above ground to within 200 mV below the supply voltage.
Load currents of up to 6 mA can be supported.
The setpoint control input is applied to pin VSET and has an
operating range of 0.25 V–1.4 V. The associated circuit deter-
mines the slope and intercept of the linear-in-dB measurement
system; these are nominally 23 mV/dB and –60 dBm for a 50
W
termination (–73 dBV) at 0.9 GHz. Further simplifying the
application of the AD8315, the input resistance of the setpoint
interface is over 100 M
W, and the bias current is typically 0.5 mA.
The AD8315 is available in MSOP and lead frame chip scale
(LFCSP) packages and consumes 8.5 mA from a 2.7 V to 5.5 V
supply. When powered down, the sleep current is 4
mA.


Similar Part No. - AD8315ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315ARM AD-AD8315ARM Datasheet
552Kb / 24P
50 dB GSM PA Controller
6/06-Rev. B to Rev. C
AD8315ARM-REEL AD-AD8315ARM-REEL Datasheet
552Kb / 24P
50 dB GSM PA Controller
6/06-Rev. B to Rev. C
AD8315ARM-REEL7 AD-AD8315ARM-REEL7 Datasheet
552Kb / 24P
50 dB GSM PA Controller
6/06-Rev. B to Rev. C
AD8315ARMZ AD-AD8315ARMZ Datasheet
552Kb / 24P
50 dB GSM PA Controller
6/06-Rev. B to Rev. C
AD8315ARMZ AD-AD8315ARMZ Datasheet
447Kb / 22P
50 dB GSM PA Controller
Aug-2016
More results

Similar Description - AD8315ARM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
Quad-Band GSM/EDGE PA Module
logo
Analog Devices
AD8316 AD-AD8316 Datasheet
497Kb / 20P
Dual Output GSM PA Controller
1/04-Data Sheet changed from REV. B to REV. C.
AD8311 AD-AD8311 Datasheet
734Kb / 24P
50 dB GSM PA Controller
6/05-Revision 0
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
50 dB GSM PA Controller
6/06-Rev. B to Rev. C
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
PA Module for Quad-Band GSM / EDGE
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
GSM Telemetry Controller
logo
Analog Devices
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
50 dB GSM PA Controller
Aug-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com