Electronic Components Datasheet Search
  English  ▼

X  

AD8315ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8315ARM Datasheet HTML 2Page - Analog Devices AD8315ARM Datasheet HTML 3Page - Analog Devices AD8315ARM Datasheet HTML 4Page - Analog Devices AD8315ARM Datasheet HTML 5Page - Analog Devices AD8315ARM Datasheet HTML 6Page - Analog Devices AD8315ARM Datasheet HTML 7Page - Analog Devices AD8315ARM Datasheet HTML 8Page - Analog Devices AD8315ARM Datasheet HTML 9Page - Analog Devices AD8315ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. B
AD8315
–6–
FREQUENCY – GHz
25
0
24
23
22
21
20
0.5
1.0
1.5
2.0
2.5
+85 C
+25 C
–30 C
TPC 13. Slope vs. Frequency; –30
∞C, +25∞C, and +85∞C
VS – V
24
2.5
23
22
21
3.0
3.5
4.0
4.5
5.0
5.5
0.1GHz
0.9GHz
1.9GHz
2.5GHz
TPC 14. Slope vs. Supply Voltage
FREQUENCY – Hz
45
10
35
25
15
5
–5
–15
–25
–35
100
1k
10k
100k
1M
10M
0
–20
–40
–60
–80
–100
–120
40
20
0
–20
30
10
–10
–30
–40
–10
–30
–50
–70
–90
–110
–130
CFLT = 220pF
CFLT = 0pF
TPC 15. AC Response from VSET to VAPC
FREQUENCY – GHz
–66
0
–68
–70
–72
–74
–76
–78
–80
0.5
1.0
1.5
2.0
2.5
+25 C
+85 C
–30 C
TPC 16. Intercept vs. Frequency; –30
∞C, +25∞C, and +85∞C
VS – V
2.5
–68
–70
–72
–74
–76
–78
–80
3.0
3.5
4.0
4.5
5.5
5.0
0.9GHz
1.9GHz
0.1GHz
2.5GHz
TPC 17. Intercept vs. Supply Voltage
FREQUENCY – Hz
10000
100
1000
100
10
1k
10k
100k
1M
10M
RF INPUT
–51dBV
–48dBV
–13dBV
–23dBV
–43dBV
–33dBV
–53dBV AND
–63dBV
CFLT = 220PF, RF INPUT = 2GHz
TPC 18. VAPC Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com