Electronic Components Datasheet Search
  English  ▼

X  

LDS8680 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDS8680
Description  800 mA White LED Driver for Photo Flash
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8680 Datasheet(HTML) 1 Page - IXYS Corporation

  LDS8680 Datasheet HTML 1Page - IXYS Corporation LDS8680 Datasheet HTML 2Page - IXYS Corporation LDS8680 Datasheet HTML 3Page - IXYS Corporation LDS8680 Datasheet HTML 4Page - IXYS Corporation LDS8680 Datasheet HTML 5Page - IXYS Corporation LDS8680 Datasheet HTML 6Page - IXYS Corporation LDS8680 Datasheet HTML 7Page - IXYS Corporation LDS8680 Datasheet HTML 8Page - IXYS Corporation LDS8680 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LDS8680
© 2009 IXYS Corp.
1
Doc. No. 8681_DS, Rev. N1.0
Characteristics subject to change without notice
800 mA White LED Driver for Photo Flash
FEATURES
o
1-x and 2-x Charge pump modes
o
Low dropout PowerLite
™ Current Regulator*
o
Drives up to 2 LEDs at 400 mA
simultaneously or one LED at 800 mA
o
Smart OneWire
™ LED current programming
and PWM mode LED current control
o
Power efficiency up to 90%
o
Low current shutdown mode < 1 µA
o
Short circuit current limiting
o
Thermal shutdown protection
o
Timeout to protect LED at high currents
o
8-pin 2 x 3 x 0.8 mm TDFN package
APPLICATION
o
Photo flash plus red eyes reduction
o
White LED photoflash for cell phones and
still cameras
DESCRIPTION
The LDS8680 is a high efficiency charge pump with
low dropout voltage that can drive two LEDs at 400
mA each simultaneously or one LED at 800 mA per
channel. Inclusion of a low dropout PowerLite
™
Current
Regulator
(PCR)
increases
device’s
efficiency up to 90%.
The EN/SET logic input functions as a chip enable
and a current setting interface.
The
LEDs
current
is programmable
by
Smart
OneWire
™ digital interface in 32 steps from 52 to
800 mA for LEDA channel or in 16 steps from 52 to
400 mA for LEDB channel. Every LED may be turned
on/off or programmed separately
Low noise input ripple is achieved by operating at a
constant switching frequency, which allows the use of
small external ceramic capacitors. The charge pump
supports a range of input voltages from 2.7 V to
5.5 V.
The device is available in 8-lead TDFN 2 mm x 3 mm
package with a max height of 0.8 mm.
TYPICAL APPLICATION CIRCUIT


Similar Part No. - LDS8680

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
More results

Similar Description - LDS8680

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
List of Unclassifed Man...
SLSNNWH834TS ETC2-SLSNNWH834TS Datasheet
565Kb / 15P
WHITE FLASH LED
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
Photo flash dual LED driver
Rev. 05-16 December 2009
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
Photo flash LED driver
Rev. 1-28 October 2011
logo
IXYS Corporation
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com