Electronic Components Datasheet Search
  English  ▼

X  

LDS8680 Datasheet(PDF) 4 Page - IXYS Corporation

Part # LDS8680
Description  800 mA White LED Driver for Photo Flash
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8680 Datasheet(HTML) 4 Page - IXYS Corporation

  LDS8680 Datasheet HTML 1Page - IXYS Corporation LDS8680 Datasheet HTML 2Page - IXYS Corporation LDS8680 Datasheet HTML 3Page - IXYS Corporation LDS8680 Datasheet HTML 4Page - IXYS Corporation LDS8680 Datasheet HTML 5Page - IXYS Corporation LDS8680 Datasheet HTML 6Page - IXYS Corporation LDS8680 Datasheet HTML 7Page - IXYS Corporation LDS8680 Datasheet HTML 8Page - IXYS Corporation LDS8680 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LDS8680
© 2009 IXYS Corp.
4
Doc. No. 8680_DS, Rev. N1.0
Characteristics subject to change without notice
LED CURRENT SETTING COMMANDS
Command Value
Binary
Hex
Command Description
0000 0000 0000 0001
00 01
Turn LEDA “ON” with LED current at factory preset maximum value, Safety
Timer is “ON”
0000 0000 0000 0010
00 02
Turn LEDB “ON” with LED current at factory preset maximum value, Safety
Timer is “ON”
0000 0000 0000 0011
00 03
Turn LEDA and LEDB “ON” with LED current at factory preset maximum
value, Safety Timer is “ON”
0000 0100 000Y YYYY
04 ZZ
Turn LEDA “ON” with LED current other than factiry programmed value. Binary
code Y YYYY is determined as desired LED current value in mA divided by
25.6 mA minus 1. Safety Timer is “ON”
Example:
Binary Code to set 540 mA current is equal (540/25.6 – 1) = 20 (dec) = 1 0100
(bin) = 14 (hex)
Because LSB value is 25.6 mA, LED current can be set with this resolution
only.
0000 0110 000Y YYYY
0000 0010 0000 0001
06 ZZ
02 01
Set of two commands to program LEDA current as above, but Safety Timer is
“OFF”
0000 1000 0000 YYYY
08 0Z
Turn LEDB “ON” with LED current other than factiry programmed value. Binary
code YYYY is determined as desired LED current value in mA divided by
25.6 mA minus 1. Safety Timer is “ON”
Example:
Binary Code to set 307 mA current is equal (307/25.6 – 1) = 11 (dec) = 1011
(bin) = B (hex)
Because LSB value is 25.6 mA, LED current can be set with this resolution
only.
0000 1010 0000 YYYY
0000 0010 0000 0010
0A 0Z
02 02
Set of two commands to program LEDB current as above, but Safety Timer is
“OFF”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com